Electronic Components Datasheet Search
  English  ▼

X  

2901910 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2901910
Description  Single relay - REL-OR/LDP-220DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901910 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2901910 Datasheet HTML 1Page - PHOENIX CONTACT 2901910 Datasheet HTML 2Page - PHOENIX CONTACT 2901910 Datasheet HTML 3Page - PHOENIX CONTACT 2901910 Datasheet HTML 4Page - PHOENIX CONTACT 2901910 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2901910
05/15/2015   Page 2 / 5
Single relay - REL-OR/LDP-220DC/1 - 2901910
Technical data
Coil side
Typical release time
30 ms
Coil resistance
36.1 kΩ ±10 %
Operating voltage display
Yellow LED
Protective circuit
Damping diode
Contact side
Contact type
Single contact, 1 N/O contact (series connection, 2 N/O contacts)
Contact material
AgNi
Maximum switching voltage
250 V AC
220 V DC
Minimum switching voltage
10 V (at 10 mA)
Maximum inrush current
30 A (20 ms)
Min. switching current
10 mA (at 10 V)
Limiting continuous current
10 A
Interrupting rating (ohmic load) max.
2500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
1.2 A (110 V (DC13))
0.3 A (220 V DC/230 V AC (DC13))
6 A (220 V DC/230 V AC (AC15))
General
Test voltage relay winding/relay contact
2.5 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT I
Mechanical service life
Approx. 107 cycles
Standards/regulations
IEC 61810
EN 60947
Pollution degree
3
Surge voltage category
III
Mounting position
any
Assembly instructions
On relay base PR3
Classifications
eCl@ss
eCl@ss 4.0
27371104
eCl@ss 4.1
27371104
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com