Electronic Components Datasheet Search
  English  ▼

X  

LM4953 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4953
Description  Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4953 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4953 Datasheet HTML 1Page - National Semiconductor (TI) LM4953 Datasheet HTML 2Page - National Semiconductor (TI) LM4953 Datasheet HTML 3Page - National Semiconductor (TI) LM4953 Datasheet HTML 4Page - National Semiconductor (TI) LM4953 Datasheet HTML 5Page - National Semiconductor (TI) LM4953 Datasheet HTML 6Page - National Semiconductor (TI) LM4953 Datasheet HTML 7Page - National Semiconductor (TI) LM4953 Datasheet HTML 8Page - National Semiconductor (TI) LM4953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
4.5V
Storage Temperature
−65˚C to +150˚C
Input Voltage
-0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
See AN-1187 ’Leadless Leadframe Packaging (LLP).’
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage (V
DD)
1.6V
≤ V
DD
≤ 4.2V
Electrical Characteristics V
DD = 3.6V
The following specifications apply for V
DD = 3.6V, AV-BTL = 6dB, ZL = 2µF+30
Ω unless otherwise specified. Limits apply to T
A =
25˚C. See Figure 1.
Symbol
Parameter
Conditions
LM4953
Units (Limits)
Typ
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply
Current
V
IN =0,RLOAD = 2µF+30
Ω
8
TBD
mA (max)
I
standby
Quiescent Power Supply
Current Auto Standby Mode
V
IN =0,ZLOAD = 2µF+30
Ω
2.7
mA
I
SD
Shutdown Current
V
SD = GND
0.1
1
µA (max)
V
SDIH
Shutdown Voltage Input High
SD1
SD2
0.7*CPVdd
V (min)
V
SDIL
Shutdown Voltage Input Low
SD1
SD2
0.3*CPVdd
V (max)
T
WU
Wake-up Time
125
µsec
V
OS
Output Offset Voltage
1
10
mV (max)
V
OUT
Output Voltage Swing
THD = 1% (max); f = 1kHz
R
L = 2µF+30
Ω, Mono BTL
12.6
Vpp
THD+N
Total Harmonic Distortion +
Noise
V
OUT = 6Vp-p, fIN = 1kHz
0.02
%
∈
OS
Output Noise
A-Weighted Filter, V
IN =0V
15
µV
PSRR
Power Supply Rejection
Ratio
V
RIPPLE = 200mVp-p, f = 217Hz,
Input Referred
67
dB
V
RIPPLE = 200mVp-p, f = 1kHz,
Input Referred
65
dB
SNR
Signal-to-Noise Ratio
Z
L = 2µF+30
Ω,V
OUT = 6Vp-p
105
dB
Electrical Characteristics V
DD = 3.0V
The following specifications apply for V
DD = 3.0V, AV-BTL = 6dB, ZL = 2µF+30
Ω unless otherwise specified. Limits apply to T
A =
25˚C. See Figure 1.
Symbol
Parameter
Conditions
LM4953
Units (Limits)
Typ
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply
Current
V
IN =0,ZLOAD = 2µF+30
Ω
7
10
mA (max)
I
standby
Quiescent Power Supply
Current Auto Standby Mode
V
IN =0,ZLOAD = 2µF+30
Ω
2.3
mA
I
SD
Shutdown Current
V
SD-LC =VSD-RC = GND
0.1
1
µA (max)
V
SDIH
Shutdown Voltage Input High
SD1
SD2
0.7*CPVdd
V (min)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com