Electronic Components Datasheet Search
  English  ▼

X  

LM4953 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4953
Description  Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4953 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4953 Datasheet HTML 1Page - National Semiconductor (TI) LM4953 Datasheet HTML 2Page - National Semiconductor (TI) LM4953 Datasheet HTML 3Page - National Semiconductor (TI) LM4953 Datasheet HTML 4Page - National Semiconductor (TI) LM4953 Datasheet HTML 5Page - National Semiconductor (TI) LM4953 Datasheet HTML 6Page - National Semiconductor (TI) LM4953 Datasheet HTML 7Page - National Semiconductor (TI) LM4953 Datasheet HTML 8Page - National Semiconductor (TI) LM4953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM4953
Ground-Referenced, Ultra Low Noise, Ceramic Speaker
Driver
General Description
The LM4953 is an audio power amplifier designed for driving
Ceramic Speaker in portable applications. When powered by
a 3.6V supply, it is capable of forcing 12.6Vpp across a 2µF
+30
Ω bridge-tied-load (BTL) with less than 1% THD+N.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4953 does not require boot-
strap capacitors, or snubber circuits. Therefore it is ideally
suited for display applications requiring high power and mini-
mal size.
The LM4953 features a low-power consumption shutdown
mode. Additionally, the LM4953 features an internal thermal
shutdown protection mechanism.
The LM4953 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
The LM4953 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
j Quiescent Power Supply Current (Vdd = 3V) 7mA(typ)
j BTL Voltage Swing
(2µF+30
Ω load, 1% THD+N,
V
dd = 3.6V)
12.6V
pp (typ)
j Shutdown Current
1µA (max)
Features
n
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
n
Low, 1µA (max) shutdown current
n
Low, 7mA (typ) quiescent current
n
12.6Vpp mono BTL output, load = 2µF+ 30
Ω
n
Thermal shutdown
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Cellphone
n
PDA
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20142168
FIGURE 1. Typical Application Circuit
September 2005
© 2005 National Semiconductor Corporation
DS201421
www.national.com


Similar Part No. - LM4953

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4953 TI1-LM4953 Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Shanghai Leiditech Elec...
LM4953 LEIDITECH-LM4953 Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
logo
Texas Instruments
LM4953SDBD TI1-LM4953SDBD Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
LM4953 TI1-LM4953_14 Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

Similar Description - LM4953

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM4953 TI1-LM4953_14 Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com