Electronic Components Datasheet Search
  English  ▼

X  

AMC1336DWVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336DWVR
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336DWVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1336DWVR Datasheet HTML 3Page - Texas Instruments AMC1336DWVR Datasheet HTML 4Page - Texas Instruments AMC1336DWVR Datasheet HTML 5Page - Texas Instruments AMC1336DWVR Datasheet HTML 6Page - Texas Instruments AMC1336DWVR Datasheet HTML 7Page - Texas Instruments AMC1336DWVR Datasheet HTML 8Page - Texas Instruments AMC1336DWVR Datasheet HTML 9Page - Texas Instruments AMC1336DWVR Datasheet HTML 10Page - Texas Instruments AMC1336DWVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
AMC1336
www.ti.com
SBAS951 – AUGUST 2019
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
UL
Certified according to DIN V VDE V 0884-11 (VDE V 0884-11): 2017-01,
DIN EN 60950-1 (VDE 0805 Teil 1): 2014-08, and
DIN EN 60065 (VDE 0860): 2005-11
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs
Reinforced insulation
Single protection
Certificate planned
Certificate planned
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power, respectively. Do not exceed the maximum limits of IS and PS. These
limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on a high-K test board for
leaded surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum junction temperature.
PS = IS × AVDDmax + IS × DVDDmax, where AVDDmax is the maximum high-side voltage and DVDDmax is the maximum controller-side
supply voltage.
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output,
or supply current
RθJA = 112.2°C/W, TJ = 150°C, TA = 25°C,
AVDD = DVDD = 5.5 V, see Figure 3
202.5
mA
RθJA = 112.2°C/W, TJ = 150°C, TA = 25°C,
AVDD = DVDD = 3.6 V, see Figure 3
309.4
PS
Safety input, output,
or total power(1)
RθJA = 112.2°C/W, TJ = 150°C, TA = 25°C, see Figure 4
1114
mW
TS
Maximum safety temperature
150
°C
(1)
The typical value includes one sigma statistical variation.
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, AVDD = 3.0 V to 5.5 V, DVDD = 2.7 V to 5.5 V,
AINP = –1 V to +1 V, and AINN = AGND = 0 V; typical specifications are at TA = 25°C, AVDD = 5 V, DVDD = 3.3 V, and
fCLKIN = 20 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Single-ended input
resistance(1)
AINN = AGND
0.1
0.4
G
Ω
RIND
Differential input
resistance(1)
0.16
1.6
G
Ω
CIN
Single-ended input
capacitance(1)
AINN = AGND, fCLKIN = 20 MHz
2
pF
CIND
Differential input
capacitance(1)
fCLKIN = 20 MHz
2
pF
IIB
Input bias current
AINP = AINN = AGND; IIB = (IAINP + IAINN) / 2
–10
±3
10
nA
TCIIB
Input bias current drift
AINP = AINN = AGND; IIB = (IAINP + IAINN) / 2
±5
pA/°C
IIO
Input offset current
IIO = IAINP – IAINN
–5
±1
5
nA
CMTI
Common-mode transient
immunity
|AGND – DGND| = 1 kV
50
100
kV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com