Electronic Components Datasheet Search
  English  ▼

X  

AMC1336DWVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336DWVR
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336DWVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1336DWVR Datasheet HTML 5Page - Texas Instruments AMC1336DWVR Datasheet HTML 6Page - Texas Instruments AMC1336DWVR Datasheet HTML 7Page - Texas Instruments AMC1336DWVR Datasheet HTML 8Page - Texas Instruments AMC1336DWVR Datasheet HTML 9Page - Texas Instruments AMC1336DWVR Datasheet HTML 10Page - Texas Instruments AMC1336DWVR Datasheet HTML 11Page - Texas Instruments AMC1336DWVR Datasheet HTML 12Page - Texas Instruments AMC1336DWVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CLKIN
DOUT
Bitream not valid
(analog settling)
tISTART
DVDD
...
Valid bitstream
AVDD
Test Pattern
tASTART
CLKIN
DOUT
tCLKIN
tHIGH
tLOW
tD
tH
tr / tf
9
AMC1336
www.ti.com
SBAS951 – AUGUST 2019
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
The duty cycle of DOUT equals the clock duty cycle of the applied CLKIN signal.
6.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLKIN
CLKIN clock frequency
9
20
21
MHz
DutyCycl
e
CLKIN duty cycle(1)
40%
50%
60%
tH1
DOUT hold time after rising edge
of CLKIN
CLOAD = 15 pF
3.5
ns
tD1
Rising edge of CLKIN to DOUT
valid delay
CLOAD = 15 pF
15
ns
tr
DOUT rise time
10% to 90%, 2.7 V
≤ DVDD ≤ 3.6 V, CLOAD = 15 pF
0.8
3.5
ns
10% to 90%, 4.5 V
≤ DVDD ≤ 5.5 V, CLOAD = 15 pF
1.8
3.9
tf
DOUT fall time
10% to 90%, 2.7 V
≤ DVDD ≤ 3.6 V, CLOAD = 15 pF
0.8
3.5
ns
10% to 90%, 4.5 V
≤ DVDD ≤ 5.5 V, CLOAD = 15 pF
1.8
3.9
tASTART
Analog startup time
AVDD step to 3.0 V; 0.1%-settling, clock applied
0.5
ms
tISTART
Interface startup time
DVDD step to 2.7 V; 0.1%-settling, clock applied
32
32
CLKIN
cycles
Figure 1. Digital Interface Timing
Figure 2. Device Start-Up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com