Electronic Components Datasheet Search
  English  ▼

X  

NJW1503AV Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW1503AV
Description  PLL Synthesizer with 3-Wire Bus for TV Tuner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1503AV Datasheet(HTML) 2 Page - New Japan Radio

  NJW1503AV Datasheet HTML 1Page - New Japan Radio NJW1503AV Datasheet HTML 2Page - New Japan Radio NJW1503AV Datasheet HTML 3Page - New Japan Radio NJW1503AV Datasheet HTML 4Page - New Japan Radio NJW1503AV Datasheet HTML 5Page - New Japan Radio NJW1503AV Datasheet HTML 6Page - New Japan Radio NJW1503AV Datasheet HTML 7Page - New Japan Radio NJW1503AV Datasheet HTML 8Page - New Japan Radio NJW1503AV Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJW1503A
- 2 -
ABSOLUTE MAXIMUM RATINGS
(TA=25
°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage (Vcc1,3)
Vcc1,Vcc3
-0.3 to +6.5
V
Supply Voltage (Vcc2)
Vcc2
-0.3 to +34
V
Input Voltage(except 3-wire bus)
Vi
-0.3 to Vcc+0.3
V
Output Voltage
(except 3-wire bus)
Vo
-0.3 to Vcc+0.3
V
3-Wire bus Input Voltage
Vseri
-0.3 to 6.5
V
Power Dissipation
PD
300
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
RECOMMENDED OPERATING CONDITION
(TA=25
°C)
Parameter
Condition
Symbol
Min.
Typ.
Max.
Unit
Operating Voltage
Vcc1,Vcc3
V
+1,V+3
4.5
5
5.5
V
Operating Voltage
Vcc2
V
+2
0
32
34
V
X’tal Operating Range
fxtal
3.15
4
4.05
MHz
HF Input Frequency
Input= -20dBm
fhf
80
-
1000
MHz
Data Set-up Time
tSET
2
-
-
uS
Clock Width Time
tCLK
2
-
-
uS
Data Hold Time
tHOLD
2
-
-
uS
CS Set-up Time
tCSSET
10
-
-
uS
CS Hold Time
Refer to 3-Wire bus Timing Chart
tCSHLD
2
-
-
uS
Maximum Clock
Frequency
Refer to 3-Wire bus Timing Chart
FCLKMAX=1/TCLKMAX
tCLKMAX
-
-
100
KHz
3-Wire bus Timing Chart
VIHmin(0.7 Vcc1) and VIHmax(0.3 Vcc1)
DAT
CLK
T
CS
SET
T CLK
HOLD
T
T
T
T
CLKMAX
CSSET
CSHOLD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com