Electronic Components Datasheet Search
  English  ▼

X  

NJW1503AV Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1503AV
Description  PLL Synthesizer with 3-Wire Bus for TV Tuner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1503AV Datasheet(HTML) 3 Page - New Japan Radio

  NJW1503AV Datasheet HTML 1Page - New Japan Radio NJW1503AV Datasheet HTML 2Page - New Japan Radio NJW1503AV Datasheet HTML 3Page - New Japan Radio NJW1503AV Datasheet HTML 4Page - New Japan Radio NJW1503AV Datasheet HTML 5Page - New Japan Radio NJW1503AV Datasheet HTML 6Page - New Japan Radio NJW1503AV Datasheet HTML 7Page - New Japan Radio NJW1503AV Datasheet HTML 8Page - New Japan Radio NJW1503AV Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NJW1503A
- 3 -
ELECTRICAL CHARACTERISTICS
(Vcc1,3=5V,Vcc2=32V,TA=25
°C)
Parameter
Condition
Symbol
Min.
Typ.
Max.
Unit
Operating Current 1
fHF=100MHz
ICC
6
15
23
mA
Operating Current 2
AMPOUT: Low Level
ICC2
-
1.6
-
mA
AMP Input Current
Phase OUT :High Imp (2.5V)
IIN
(-50)
0.1
(50)
nA
AMP Output Current
ANP OUT : Low Level
AMP OUT Input=5V
IOUT
-
-
-2.5
mA
AMP Gain
f=1KHz
AV
40
50
60
dB
Phase Comparator
Current
Current Source
Isourse
190
280
400
uA
Phase Comparator
Current
Current Sink
Isink
-400
-280
-190
uA
Band Switch
“L” Output Current
BS0=BS1=BS2=0.3V
IOBS0-2L
-5.0
-0.5
0.0
mA
“H” Output Current
BS0=BS1=BS2=4.7V
IOBS0-2H
11.0
15.0
-
mA
“L” Output Current
BS=0.3V
IOBS3L
-6.0
-1.0
-0.4
mA
“H” Output Current
BS3=4.7V
IOBS3H
0.7
3.5
-
mA
3-Wire bus
“H” Input Current
CLK, DAT, CS Terminal
IINH
-5
0
5
uA
“L” Input Current
CLK, DAT, CS Terminal
IINL
-5
0
5
uA
“H” Input Voltage Range
CLK, DAT, CS Terminal
VIH
4.0
-
5.0
V
“L” Input Voltage Range
CLK, DAT, CS Terminal
VIL
0
-
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com