Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 55 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 51Page - Texas Instruments DP83848MPHPREP Datasheet HTML 52Page - Texas Instruments DP83848MPHPREP Datasheet HTML 53Page - Texas Instruments DP83848MPHPREP Datasheet HTML 54Page - Texas Instruments DP83848MPHPREP Datasheet HTML 55Page - Texas Instruments DP83848MPHPREP Datasheet HTML 56Page - Texas Instruments DP83848MPHPREP Datasheet HTML 57Page - Texas Instruments DP83848MPHPREP Datasheet HTML 58Page - Texas Instruments DP83848MPHPREP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
Copyright © 2012–2019, Texas Instruments Incorporated
Detailed Description
Submit Documentation Feedback
Product Folder Links: DP83848-EP
55
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Table 5-8. Register Table
REGISTER
NAME
ADDRESS
TAG
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT0
Basic Mode
Control
Register
00h
BMCR
Reset
Loop-
back
Speed
Selection
Auto-
Neg
Enable
Power
Down
Isolate
Restart
Auto-
Neg
Duplex
Mode
Collision
Test
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Basic Mode
Status
Register
01h
BMSR
100Base
-T4
100Base
-TX FDX
100Base
-TX HDX
10Base-
T FDX
10Base-
T HDX
Re-
served
Re-
served
Re-
served
Re-
served
MF Pre-
amble
Sup-
press
Auto-
Neg
Com-
plete
Remote
Fault
Auto-
Neg
Ability
Link
Status
Jabber
Detect
Extend-
ed
Capa-
bility
PHY
Identifier
Register 1
02h
PHYIDR
1
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
OUI
MSB
PHY
Identifier
Register 2
03h
PHYIDR
2
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
VNDR_
MDL
VNDR_
MDL
VNDR_
MDL
VNDR_
MDL
VNDR_
MDL
VNDR_
MDL
MDL_
REV
MDL_
REV
MDL_
REV
MDL_
REV
Auto-
Negotiation
Advertise-
ment
Register
04h
ANAR
Next
Page Ind
Re-
served
Remote
Fault
Re-
served
ASM_
DIR
PAUSE
T4
TX_FD
TX
10_FD
10
Protocol
Selection
Protocol
Selection
Protocol
Selection
Protocol
Selection
Protocol
Selection
Auto-
Negotiation
Link Partner
Ability
Register
(Base Page)
05h
ANLPAR
Next
Page Ind
ACK
Remote
Fault
Re-
served
ASM_
DIR
PAUSE
T4
TX_FD
TX
10_FD
10
Protocol
Selection
Protocol
Selection
Protocol
Selection
Protocol
Selection
Protocol
Selection
Auto-
Negotiation
Link Partner
Ability
Register Next
Page
05h
AN-
LPARNP
Next
Page Ind
ACK
Mes-
sage
Page
ACK2
Toggle
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Auto-
Negotiation
Expansion
Register
06h
ANER
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
PDF
LP_NP_
ABLE
NP_
ABLE
PAGE_
RX
LP_AN_
ABLE
Auto-
Negotiation
Next Page
TX Register
07h
ANNPTR
Next
Page Ind
Re-
served
Message
Page
ACK2
TOG_TX
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
Reserved
08-0fh
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com