Electronic Components Datasheet Search
  English  ▼

X  

DP83848MPHPREP Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 74 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 70Page - Texas Instruments DP83848MPHPREP Datasheet HTML 71Page - Texas Instruments DP83848MPHPREP Datasheet HTML 72Page - Texas Instruments DP83848MPHPREP Datasheet HTML 73Page - Texas Instruments DP83848MPHPREP Datasheet HTML 74Page - Texas Instruments DP83848MPHPREP Datasheet HTML 75Page - Texas Instruments DP83848MPHPREP Datasheet HTML 76Page - Texas Instruments DP83848MPHPREP Datasheet HTML 77Page - Texas Instruments DP83848MPHPREP Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
74
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
Table 5-29. Energy Detect Control (EDCR), Address 0x1D (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
11
ED_BURST_DIS
0, RW
Energy Detect Bust Disable:
Disable bursting of energy detect data pulses. By default, Energy
Detect (ED) transmits a burst of 4 ED data pulses each time the CD is
powered up. When bursting is disabled, only a single ED data pulse
will be send each time the CD is powered up.
10
ED_PWR_STATE
0, RO
Energy Detect Power State:
Indicates current Energy Detect Power state. When set, Energy
Detect is in the powered up state. When cleared, Energy Detect is in
the powered down state. This bit is invalid when Energy Detect is not
enabled.
9
ED_ERR_MET
0, RO/COR
Energy Detect Error Threshold Met:
No action is automatically taken upon receipt of error events. This bit
is informational only and would be cleared on a read.
8
ED_DATA_MET
0, RO/COR
Energy Detect Data Threshold Met:
The number of data events that occurred met or surpassed the
Energy Detect Data Threshold. This bit is cleared on a read.
7:4
ED_ERR_COUNT
0001, RW
Energy Detect Error Threshold:
Threshold to determine the number of energy detect error events that
should cause the device to take action. Intended to allow averaging of
noise that may be on the line. Counter will reset after approximately 2
seconds without any energy detect data events.
3:0
ED_DATA_COUNT
0001, RW
Energy Detect Data Threshold:
Threshold to determine the number of energy detect events that
should cause the device to take actions. Intended to allow averaging
of noise that may be on the line. Counter will reset after approximately
2 seconds without any energy detect data events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com