Electronic Components Datasheet Search
  English  ▼

X  

LM323 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM323
Description  3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323 Datasheet(HTML) 6 Page - ON Semiconductor

  LM323 Datasheet HTML 1Page - ON Semiconductor LM323 Datasheet HTML 2Page - ON Semiconductor LM323 Datasheet HTML 3Page - ON Semiconductor LM323 Datasheet HTML 4Page - ON Semiconductor LM323 Datasheet HTML 5Page - ON Semiconductor LM323 Datasheet HTML 6Page - ON Semiconductor LM323 Datasheet HTML 7Page - ON Semiconductor LM323 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM323, A
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. Current Regulator
Figure 14. Adjustable Output Regulator
Figure 15. Current Boost Regulator
Figure 16. Current Boost with
Short Circuit Protection
5.0 V
R
Input
0.33
µF
LM323, A
R
IO
The LM323,A regulator can also be used as a current source when
connected as above. Resistor R determines the current as follows:
IO =
+ IB
∆IB ^ 0.7 mA over line, load and temperature changes
IB ^ 3.5 mA
For example, a 2.0 A current source would require R to be a 2.5
Ω,
15 W resistor and the output voltage compliance would be the input
voltage less 7.5 V.
Constant
Current to
Grounded Load
Input
Output
1.0k
4
6
7
2
3
–
+
0.1
µF
10k
MC1741
VO, 8.0 V to 20 V
The addition of an operational amplifier allows adjustment to higher or
intermediate values while retaining regulation characteristics. The
minimum voltage obtainable with this arrangement is 3.0 V greater
than the regulator voltage.
LM323, A
0.33
µF
R
0.1
µF
Output
1.0
µF
The LM323, A series can be current boosted with a PNP transistor. The
2N4398 provides current to 15 A. Resistor R in conjuction with the VBE of
the PNP determines when the pass transistor begins conducting; this
circuit is not short circuit proof. Input–output differential voltage
minimum is increased by the VBE of the pass transistor.
2N4398 or Equiv
LM323, A
LM323, A
Input
Rsc
2N4398
or Equiv.
Output
R
MJ2955
or Equiv.
1.0
µF
The circuit of Figure 16 can be modified to provide supply protection
against short circuits by adding a short circuit sense resistor, RSC, and
an additional PNP transistor. The current sensing PNP must be able to
handle the short circuit current of the three–terminal regulator.
Therefore, an 8.0 A power transistor is specified.
Vin – VO ≥ 2.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com