Electronic Components Datasheet Search
  English  ▼

X  

LM323 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM323
Description  3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323 Datasheet(HTML) 1 Page - ON Semiconductor

  LM323 Datasheet HTML 1Page - ON Semiconductor LM323 Datasheet HTML 2Page - ON Semiconductor LM323 Datasheet HTML 3Page - ON Semiconductor LM323 Datasheet HTML 4Page - ON Semiconductor LM323 Datasheet HTML 5Page - ON Semiconductor LM323 Datasheet HTML 6Page - ON Semiconductor LM323 Datasheet HTML 7Page - ON Semiconductor LM323 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM323, A
SEMICONDUCTOR
TECHNICAL DATA
3–AMPERE, 5 VOLT
POSITIVE
VOLTAGE REGULATORS
ORDERING INFORMATION
Order this document by LM323/D
Pin 1. Input
2. Ground
3. Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface is connected to Pin 2.
3
1
2
Device
Operating
Temperature
Range
Package
LM323T
LM323AT
TJ = 0° to +125°C
Plastic
Power
Output
Voltage
Tolerance
4%
2%
1
MOTOROLA ANALOG IC DEVICE DATA
Positive Voltage Regulators
The LM323,A are monolithic integrated circuits which supply a fixed
positive 5.0 V output with a load driving capability in excess of 3.0 A. These
three–terminal regulators employ internal current limiting, thermal shutdown,
and safe–area compensation. The A–suffix is an improved device with
superior electrical characteristics and a 2% output voltage tolerance. These
regulators are offered with a 0
° to +125°C temperature range in a low cost
plastic power package.
Although designed primarily as a fixed voltage regulator, these devices
can be used with external components to obtain adjustable voltages and
currents. These devices can be used with a series pass transistor to supply
up to 15 A at 5.0 V.
• Output Current in Excess of 3.0 A
• Available with 2% Output Voltage Tolerance
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Thermal Regulation and Ripple Rejection Have Specified Limits
Simplified Application
A common ground is required between the input and the output voltages. The input
voltagemust remain typically 2.5 V above the output voltage even during the low point
on the input ripple voltage.
*Cinisrequiredifregulatorislocatedanappreciable
* distancefrompowersupplyfilter.(SeeApplications
* Information for details.)
** CO is not needed for stability; however, it does
** improve transient response.
LM323, A
Input
Cin*
0.33
µF
CO**
Output
© Motorola, Inc. 1996
Rev 0


Similar Part No. - LM323

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM323 STMICROELECTRONICS-LM323 Datasheet
170Kb / 9P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
Mar-1993
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
logo
STMicroelectronics
LM323 STMICROELECTRONICS-LM323 Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
logo
SYC Electronica
LM323 SYC-LM323 Datasheet
210Kb / 8P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Connor-Winfield Corpora...
LM323-155.52M CONNOR-WINFIELD-LM323-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - LM323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
3-Amp, 5-Volt Positive Regulator
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
5 AMP POSITIVE VOLTAGE REGULATORS
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
5-Volt 5-Amp Voltage Regulators
logo
Semtech Corporation
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
5 AMP POSITIVE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
3-Amp, 5-Volt Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com