Electronic Components Datasheet Search
  English  ▼

X  

Q12RB6LP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q12RB6LP
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q12RB6LP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q12RB6LP Datasheet HTML 1Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 2Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 3Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 4Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 5Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 6Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 7Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Standard Models
Sensing Mode
Model3
Range
Connection
Output
640 nm Visible Red
Q126E (emitter)
2 m
(6.5 ft)
2 m (6.5 ft) cable
N/A
OPPOSED
Effective Beam: 5.7 mm (0.22 in)
Q12AB6R
2 m (6.5 ft) cable
Bipolar LO
Q12RB6R
Bipolar DO
Q12AP6RQ3
150 mm (6 in) cable with a 3-pin
M8/Pico-style QD
1 PNP LO
Q12RP6RQ3
1 PNP DO
Q12AN6RQ3
1 NPN LO
Q12RN6RQ3
1 NPN DO
P
POLAR RETRO
640 nm Visible Red
Q12AB6LP
1 m (40 in) 4
2 m (6.5 ft) cable
Bipolar LO
Q12RB6LP
Bipolar DO
Q12AP6LPQ3
150 mm (6 in) cable with a 3-pin
M8/Pico-style QD
1 PNP LO
Q12RP6LPQ3
1 PNP DO
Q12AN6LPQ3
1 NPN LO
Q12RN6LPQ3
1 NPN DO
RETRO
640 nm Visible Red
Q12AB6LV
1.5 m
(59 in) 4
2 m (6.5 ft) cable
Bipolar LO
Q12RB6LV
Bipolar DO
Q12AP6LVQ3
150 mm (6 in) cable with a 3-pin
M8/Pico-style QD
1 PNP LO
Q12RP6LVQ3
1 PNP DO
Q12AN6LVQ3
1 NPN LO
Q12RN6LVQ3
1 NPN DO
Performance based on use of 90% reflectance white test card.
FIXED-FIELD
VISIBLE RED
640 nm Visible Red
Q12AB6FF15
15 mm (0.6 in)
cutoff;
10 mm (0.4 in)
focus
2 m (6.5 ft) cable
Bipolar LO
Q12RB6FF15
Bipolar DO
Q12AP6FF15Q3
150 mm (6 in) cable with a 3-pin
M8/Pico-style QD
1 PNP LO
Q12RP6FF15Q3
1 PNP DO
Q12AN6FF15Q3
1 NPN LO
Q12RN6FF15Q3
1 NPN DO
Q12AB6FF30
30 mm (1.2 in)
cutoff;
16 mm (0.63 in) focus
2 m (6.5 ft) cable
Bipolar LO
Q12RB6FF30
Bipolar DO
Q12AP6FF30Q3
150 mm (6 in) cable with a 3-pin
M8/Pico-style QD
1 PNP LO
Q12RP6FF30Q3
1 PNP DO
Q12AN6FF30Q3
1 NPN LO
Q12RN6FF30Q3
1 NPN DO
Q12AB6FF50
50 mm (2 in)
cutoff; 16 mm (0.63 in) focus
2 m (6.5 ft) cable
Bipolar LO
Q12RB6FF50
Bipolar DO
Q12AP6FF50Q3
150 mm (6 in) cable with a 3-pin
M8/Pico-style QD
1 PNP LO
Q12RP6FF50Q3
1 PNP DO
Q12AN6FF50Q3
1 NPN LO
Q12RN6FF50Q3
1 NPN DO
3
•
To order the black housing model, add the prefix D to the model number, for example DQ12AB6FF15.
•
To order the 9 m (30 ft) cable model, add the suffix W/30 to the model number. For example, Q126E W/30.
•
To order the 150 mm (6 in) cable with a 4-pin M8/Pico-style (M8 threaded) QD model, add the suffix Q to the model number. For example,
Q126EQ.
•
To order the 150 mm (6 in) cable with a 4-pin M12/Euro-style QD model, add the suffix Q5 to the model number. For example Q126EQ5.
4 Retroreflective range is specified using one model BRT-60X40C retroreflector. Actual sensing range may be more or less than specified, depending upon
efficiency and reflective area of the retroreflector(s) used.
WORLD-BEAM® Q12 Series Sensor
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 119223 Rev. K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com