Electronic Components Datasheet Search
  English  ▼

X  

Q12RB6LP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q12RB6LP
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q12RB6LP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q12RB6LP Datasheet HTML 1Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 2Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 3Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 4Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 5Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 6Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 7Page - Banner Engineering Corp. Q12RB6LP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Indicator Features
1
1 - Amber and green LEDs
•
Green on: power to sensor is on
•
Green flashing: output is overloaded
•
Amber on: received signal
•
Amber flashing: marginal signal
Chemical-Resistant models: LEDs are visible through translucent PFA jacket. Rated to
1200 psi washdown.
Wiring
Cabled wiring diagrams are shown. Connections for QD models are functionally identical. (Emitters have no connection to black
and white.)
CAUTION: Observe proper ESD precautions (grounding) when connecting QD models.
Emitters
10-30V dc
–
+
1
3
Bipolar Models
10-30V dc
–
+
1
3
2
4
Load
Load
PNP Models
10-30 V dc
–
+
3
1
4
Load
Key
1 = Brown
2 = White
3 = Blue
4 = Black
NPN Models
10-30 V dc
–
+
3
1
4
Load
3-pin M8/Pico-style Male QD
4
1
3
4-pin M8/Pico-style Male QD
3
2
1
4
4-pin M12/Euro-style Male QD
1
4
3
2
Specifications
Supply Voltage and Current
10 to 30 V dc (10% maximum ripple) at 20 mA maximum current
Sensing Beam
640 nm visible red
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar (1 NPN and 1 PNP) solid-state output or Single output (PNP or
NPN), LO or DO, depending on model
Repeatability
175 microseconds
Switching Frequency
Opposed Mode: 385 Hz
All Other Modes: 715 Hz
WORLD-BEAM® Q12 Series Sensor
P/N 119223 Rev. K
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com