Electronic Components Datasheet Search
  English  ▼

X  

AP436S Datasheet(PDF) 1 Page - Anachip Corp

Part # AP436S
Description  Synchronous Rectifier MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP436S Datasheet(HTML) 1 Page - Anachip Corp

  AP436S Datasheet HTML 1Page - Anachip Corp AP436S Datasheet HTML 2Page - Anachip Corp AP436S Datasheet HTML 3Page - Anachip Corp AP436S Datasheet HTML 4Page - Anachip Corp AP436S Datasheet HTML 5Page - Anachip Corp AP436S Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP436
Synchronous Rectifier MOSFET Driver
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Oct 4, 2005
1/6
Features
- VOUT slew-rate minimum 100V/uS @ CL=3000pF
- IOUT(sink & source)=1.2 / 0.9 A
- Safety considered.
- Reduce power system thermal & increase
system efficiency.
- Pb-free packages: SOT89-5L, SOP-8L
Application
- Power Adapter.
(
50~120W for LCD Monitor & NB…etc.)
General Descriptions
The AP436 is a high-speed controller designed to
drive N-channel power MOSFET used as
synchronous rectifiers in high current, high
frequency fly-back converters. The circuit does
not require any ties to the primary side and
derives its operating power directly from the
secondary. The circuit functions are structured by
anticipating transformer output transitions then
turns the power MOSFET on or off before the
transitions of the transformer to minimize body
drain diode conduction and reduce associated
losses.
Pin Assignment
( Top View )
1
2
3
74
5
GND
SOT89-5L
AP436
TAB
(GND)
V
DC
V
R
V
CC
V
OUT
1
2
3
4
7
6
5
V
DC
GND
GND
V
R
V
OUT
SOP-8L
AP436
( Top View )
GND
V
CC
GND
8
Pin Descriptions
Name
Description
VCC
Operating voltage input
VR
Reference input voltage
VDC
Duty cycle input voltage
VOUT
Output voltage for driving N channel
MOSFET
GND
Ground
Ordering Information
S : SOP-8L
Y : SOT89-5L
Packing
Blank: Tube
A : Taping
Package
AP436 XX X


Similar Part No. - AP436S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43671 DIODES-AP43671 Datasheet
413Kb / 2P
Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
AP43671ZDZ20-13 DIODES-AP43671ZDZ20-13 Datasheet
413Kb / 2P
Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
More results

Similar Description - AP436S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1176 IRF-IR1176 Datasheet
417Kb / 12P
SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6003 SYNC-POWER-SP6003 Datasheet
192Kb / 7P
Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
Synchronous Rectifier Driver
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
Synchronous Rectifier Driver
logo
Advanced Power Electron...
APE6019 A-POWER-APE6019 Datasheet
209Kb / 6P
SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6018E SYNC-POWER-SP6018E Datasheet
236Kb / 7P
Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A_12 Datasheet
125Kb / 7P
Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A_12 Datasheet
161Kb / 7P
Synchronous Rectifier Driver
SP6019D SYNC-POWER-SP6019D Datasheet
358Kb / 8P
Synchronous Rectifier Driver
SP6016E SYNC-POWER-SP6016E Datasheet
727Kb / 8P
Synchronous Rectifier Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com