Electronic Components Datasheet Search
  English  ▼

X  

AP436S Datasheet(PDF) 3 Page - Anachip Corp

Part # AP436S
Description  Synchronous Rectifier MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP436S Datasheet(HTML) 3 Page - Anachip Corp

  AP436S Datasheet HTML 1Page - Anachip Corp AP436S Datasheet HTML 2Page - Anachip Corp AP436S Datasheet HTML 3Page - Anachip Corp AP436S Datasheet HTML 4Page - Anachip Corp AP436S Datasheet HTML 5Page - Anachip Corp AP436S Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP436
Synchronous Rectifier MOSFET Driver
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 4, 2005
3/6
Electrical Characteristics
Unless otherwise specified, guaranteed for Tj=25
OC, VCC=12V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Supply Voltage
7.2
12
14
V
IB1
Input Bias Current (Pin VR)
VR=0.7V,VCC=12V
-74
-103
-150
uA
IB2
Input Bias Current (Pin VDC)
VDC=0.7V,VCC=12V
-74
-103
-150
uA
VR
Reference Pin Voltage Range
0.3
0.7
1.5
V
VDCL
Minimum Input Signal Voltage
-0.3
V
VOH
Output High
Vcc-1.5
V
VOL
Output Low
CL=3000pF
RL=2K
0.8
0.9
V
VDC
Detection Voltage
VR
VR+6
mV
VCM
Common Mode Range
0.7
1.5
V
IS
Supply Current (Average Value)
VCC=12V,No Load
5.5
6
mA
ISOURCE Sourcing Current (Transient Value)
1250
mA
ISINK
Sinking Current (Transient Value)
VCC=12V,CL=3000pF
RL=2K,Cin=47uF,
FVdc=200KHz
900
mA
IOP
Operation Current (Average Value)
14
mA
Output Delay Time(Low to High)
80
100
nS
TPD
Output Delay Time(High to Low)
60
100
nS
TR
Output Rise Time (10% ~ 90% Rise
Edge)
35
100
nS
TF
Output Fall Time (10% ~ 90% Fall
Edge)
VCC=12V,CL=3000pF
RL=2K,Cin=47uF,
FVdc=60KHz
60
100
nS
FOP
Maximum Operation Frequency
200
KHz
PD
Power Dissipation
SOT89-5L, SOP-8L
1
W
ISD
(Icc Shutdown Current)
VCC=5V,
CL=3000pF
RL=2K,Cin=47uF,
FVdc=60KHz
0.2
0.43
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com