Electronic Components Datasheet Search
  English  ▼

X  

S30RW3LP Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # S30RW3LP
Description  S30 Sensors AC-Voltage Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

S30RW3LP Datasheet(HTML) 5 Page - Banner Engineering Corp.

  S30RW3LP Datasheet HTML 1Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 2Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 3Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 4Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 5Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 6Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Table 2: Polarized Retro Mode Sensors2
Beam Pattern
Excess Gain
7.5 m
(25')
6.0 m
(20')
4.5 m
(15')
3.0 m
(10')
1.5 m
(5')
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2"
4"
6"
2"
4"
6"
DISTANCE
S30 Series
Polarized Retro
with BRT-3 Reflector
1
10
100
0.1 m
(0.33')
1 m
(3.3')
10 m
(33')
0.01 m
(0.033')
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
S30 Series
Polarized Retro
with BRT-3 Reflector
Table 3: Fixed-Field Mode Sensors Excess Gain3
Fixed-Field — 200 mm
Fixed-Field — 400 mm
Fixed-Field — 600 mm
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
S30 Series
Fixed-field mode
with 200 mm far
limit cutoff
Ø 16 mm spot size at 35 mm focus
Ø 20 mm spot size at 200 mm cutoff
Using 18% gray test card: cutoff distance
will be 95% of value shown.
Using 6% black test card: cutoff distance
will be 90% of value shown.
1
10
100
10 mm
(0.4")
100 mm
4")
1000 mm
40")
1 mm
(0.04")
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
S30 Series
Fixed-field mode
with 400 mm far
limit cutoff
Ø 17 mm spot size at 35 mm focus
Ø 25 mm spot size at 400 mm cutoff
Using 18% gray test card: cutoff distance
will be 90% of value shown.
Using 6% black test card: cutoff distance
will be 85% of value shown.
1
10
100
10 mm
(0.4")
100 mm
(4")
1000 mm
(40")
1 mm
(0.04")
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
S30 Series
Fixed-field mode
with 600 mm far
limit cutoff
Ø 17 mm spot size at 35 mm focus
Ø 30 mm spot size at 600 mm cutoff
Using 18% gray test card: cutoff distance
will be 85% of value shown.
Using 6% black test card: cutoff distance
will be 75% of value shown.
2 Performance based on use of a model BRT-3 retroreflector (3-inch diameter). Actual sensing range may be more or less than specified, depending on the
efficiency and reflective area of the retroreflector used.
3 Performance based on use of a 90% reflectance white test card. Focus and spot sizes are typical.
S30 Sensors AC-Voltage Series
P/N 121519 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com