Electronic Components Datasheet Search
  English  ▼

X  

S30RW3LP Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # S30RW3LP
Description  S30 Sensors AC-Voltage Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

S30RW3LP Datasheet(HTML) 1 Page - Banner Engineering Corp.

  S30RW3LP Datasheet HTML 1Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 2Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 3Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 4Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 5Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 6Page - Banner Engineering Corp. S30RW3LP Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Instruction Manual
Self-Contained, AC-Operated Sensors
•
Featuring EZ-BEAM® technology, the specially designed optics and
electronics provide reliable sensing without the need for adjustments
•
30 mm plastic threaded barrel sensor in opposed, retroreflective, or
fixed-field sensing modes
•
Completely epoxy-encapsulated to provide superior durability, even
in harsh sensing environments rated to IP69K
•
Innovative dual-indicator system takes the guesswork out of sensor
performance monitoring
•
20 V ac to 250 V ac (3-wire hookup); SPST solid-state switch output,
maximum load 300 mA
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
Sensing Mode
Model1
Output
Range
LED
OPPOSED
S303E
—
60 m (196.8 ft)
Infrared, 950 nm
S30AW3R
LO
S30RW3R
DO
P
POLAR RETRO
S30AW3LP
LO
6 m (19.7 ft)
Visible red, 680 nm
S30RW3LP
DO
FIXED-FIELD
S30AW3FF200
LO
200 mm (7.9 in) cutoff
Infrared, 880 nm
S30RW3FF200
DO
S30AW3FF400
LO
400 mm (15.7 in) cutoff
S30RW3FF400
DO
S30AW3FF600
LO
600 mm (23.6 in) cutoff
S30RW3FF600
DO
Fixed-Field Mode Overview
S30 Sensor self-contained fixed-field sensors are small, powerful, infrared diffuse mode sensors with far-limit cutoff (a
type of background suppression). Their high excess gain and fixed-field technology allow detection of objects of low
reflectivity, while ignoring background surfaces.
The cutoff distance is fixed. Backgrounds and background objects must always be placed beyond the cutoff distance.
1 Standard 2 m (6.5 ft) cable models are listed.
•
9 m (30 ft) cable: add suffix "W/30" (for example, S303E W/30).
•
4-pin Micro-style QD models: add suffix "Q1" (for example, S303EQ1). A model with a QD connector requires a mating cable.
S30 Sensors AC-Voltage Series
Original Document
121519 Rev. A
30 December 2015
121519


Similar Part No. - S30RW3LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S30RW3LP ETC2-S30RW3LP Datasheet
842Kb / 7P
Sensors - ac-Voltage
More results

Similar Description - S30RW3LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S30 ETC1-FSK-S30 Datasheet
101Kb / 2P
FSK-S30 SERIES AC-DC CONVERTER
S30 ETC2-S30 Datasheet
842Kb / 7P
Sensors - ac-Voltage
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
AC CURRENT SENSORS
logo
Banner Engineering Corp...
T18 BANNER-T18 Datasheet
329Kb / 3P
T18 Series Sensors (AC Voltage)
logo
TDK Electronics
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
Clamp AC Current Sensors
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com