Electronic Components Datasheet Search
  English  ▼

X  

CI3RC2 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # CI3RC2
Description  SMI30 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CI3RC2 Datasheet(HTML) 7 Page - Banner Engineering Corp.

  CI3RC2 Datasheet HTML 1Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 2Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 3Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 4Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 5Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 6Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 7Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Intrinsic Safety Barriers
Model (Barrier Only)
Barrier Description
Kit Model
Kit Description
CIB-1
Single-channel intrinsically safe barrier
CI2BK-1
Includes CI3RC2 current amplifier, one RS-11 socket, one
DIN-rail mount, one single-channel intrinsically safe barrier
CI2B-1
Dual-channel intrinsically safe barrier (typically used in
opposed-mode applications)
CI2BK-2
Includes CI3RC2 current amplifier, one RS-11 socket, one
DIN-rail mount, one dual-channel intrinsically safe barrier
MAXI-AMP CI3RC2 Current Amplifier Module
Banner MAXI-AMP module model CI3RC2 (part number 36606) is a self-contained module that converts the current output signal of an
SMI30 Series sensor to a trip point switch.
105 to 130V ac
In
I.S.
+
+
–
–
I.S. Barrier
Out
CI3RC2
210 to 250V ac
AC
Supply
Relay Output
5 Amp Contacts
Input:
10mA (OFF State)
20mA (ON State)
Aux.
Blue
Brown
3
2
1
Input
Common
Opto-Coupler
Output: 20mA max.
Earth Ground
(less than 1)
Non-Hazardous Area
Hazardous Area
SMI Series
Emitter
G
Busbar
In
I.S.
+
+
–
–
I.S. Barrier
Out
Bottom View of Cable
Connector on Sensor
(colors shown are for mating
cable model SMICC-3xx)
Blue
Brown
3
2
1
SMI Series
Receiver
Black
Figure 3. Hookup Using Two Single-Channel Barriers
105 to 130V ac
In +
+
+
+
–
–
Dual Barrier
I.S.
In
Out
Out
CI3RC2
210 to 250V ac
AC
Supply
Relay Output
5 Amp Contacts
Bottom View of Cable
Connector on Sensor
(colors shown are for mating
cable model SMICC-3xx)
Input:
10mA (OFF State)
20mA (ON State)
Aux.
Blue
Blue
Brown
Brown
Black
3
2
1
1
3
2
Input
Common
Opto-Coupler
Output: 20mA max.
Earth Ground
(less than 1)
Non-Hazardous Area
Hazardous Area
SMI Series
Emitter
SMI Series
Receiver
G
Busbar
Figure 4. Hookup Using One Dual-Channel Barrier
Both sensors of the opposed mode pair are wired to model CI3RC2 using the two-wire hookup, which requires the use of two single
channel or one dual channel intrinsic safety barrier(s). In this mode, the SMI30 receiver sinks less than or equal to 10 milliamps in the
"OFF" state and greater than or equal to 20 milliamps in the "ON" state. The CI3RC2 senses this current change and switches internal
relays that are easily wired to most loads and/or additional control circuitry.
Model CI3RC2 is powered by either 105 to 130 or 210 to 250 V ac. The CI3RC2 supplies power to operate both the emitter and receiver.
Inputs are protected against short circuits. Built-in circuit diagnostics indicate an overload of either input by pulsing an LED status light.
The CI3RC2 module has two isolated output switches. There is a 5 amp rated SPDT electromechanical relay, and a solid-state transistor
switch which may be used for logic-level interfaces. For more information, refer to the datasheet packed with the CI3RC2.
SMI30 Series Sensor
P/N 35331 Rev. H
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com