Electronic Components Datasheet Search
  English  ▼

X  

CI3RC2 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # CI3RC2
Description  SMI30 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CI3RC2 Datasheet(HTML) 8 Page - Banner Engineering Corp.

  CI3RC2 Datasheet HTML 1Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 2Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 3Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 4Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 5Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 6Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 7Page - Banner Engineering Corp. CI3RC2 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CI3RC2 Specifications
General
Output Configuration
Supply Voltage
105 to 130 or 210 to 250 V ac, 50/60 Hz (8 VA)
Indicator LEDs
Status indicator for OUTPUT "ON" and INPUT overload/short.
Operating Temperature
0 °C to +50 °C (+32 °F to +122 °F)
Inputs
Trip point for output "OFF": ≤ 10 milliamps
Trip point for output "ON": ≥ 20 milliamps
Trip point range for input overload indication: 30 mA ≤ I ≤ 80 mA
Construction
Rugged NORYL® polyphenylene oxide (PPO™) housing, 1.6" × 2.3" × 4".
Standard round-pin 11-pole base. Use RS-11 socket or equivalent.
SPDT Electromechanical Relay
Contact rating: 250 V ac max., 24 V dc max., 5 amps max. (resistive load), 1/10
HP at 240 V ac. Install transient suppressor (MOV) across contacts that switch
inductive loads.
Closure time: 10 milliseconds max.
Release time: 10 milliseconds max.
Maximum switching speed: 20 operations/second
Mechanical life: 20,000,000 operations
Solid-State DC Relay
SPST optically-coupled transistor
30 V dc max., 20 mA max
Repairs and Translations
Obtain assistance with product repairs by contacting your local Banner Engineering Corp distributor or by calling Banner directly at (763)
544-3164. Access literature translated into your native language on the Banner website at www.bannerengineering.com or contact
Banner directly at (763) 544-3164.
Para reparaciones de productos, por favor contacte a su distribuidor local de Banner Engineering o llame a Banner directamente al (763)
544-3164. Vea la literatura traducida en su idioma en el sitio web Banner en www.bannerengineering.com o comuníquese con Banner
directamente al (763) 544-3164.
Pour vous aider lors de la réparation de produits, contactez votre distributeur Banner local our appelez directement Banner au (763)
544-3164. La documentation traduite dans votre langue est disponible sur le site internet de Banner www.bannerengineering.com ou
contactez directement Banner au (763) 544-3164.
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover
damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY
OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT
DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the
product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time.
Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
SMI30 Series Sensor
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com