Electronic Components Datasheet Search
  English  ▼

X  

WA04P005XHTL Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA04P005XHTL
Description  Mounting occupation area reduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA04P005XHTL Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WA04P005XHTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Approval sheet
Page 1 of 6
ASC_WA04P_V14
Feb. 2012
WA04P
ππππ type chip attenuator
50
Ω, 0dB, 0.5dB to 20dB
Size 1.0 x 1.0 mm


Similar Part No. - WA04P005XHTL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WA04P ETC2-WA04P Datasheet
168Kb / 6P
Unbalanced p type attenuator circuit in one chip (1.0mm x 1.0mm)
More results

Similar Description - WA04P005XHTL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
NOISE REDUCTION
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
logo
Omron Electronics LLC
G6K OMRON-G6K Datasheet
308Kb / 10P
Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
logo
Pomona Electronics
1330 POMONA-1330 Datasheet
24Kb / 1P
Double Banana Plug With Component Mounting Area
1330-2 POMONA-1330-2 Datasheet
24Kb / 1P
Double Banana Plug With Component Mounting Area
logo
Panasonic Semiconductor
AQY221N3TW PANASONIC-AQY221N3TW Datasheet
90Kb / 6P
VSSOP type with further reduction in mounting area
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Isahaya Electronics Cor...
VLA551K-01R ISAHAYA-VLA551K-01R Datasheet
304Kb / 8P
SIP outline allows more space on mounting area
logo
Kyocera Kinseki Corpota...
CRA3A KSS-CRA3A Datasheet
246Kb / 8P
Reduction in mounting process & costs
logo
Pentair plc. All rights...
MR-20 PENTAIR-MR-20 Datasheet
232Kb / 2P
MINERAL REDUCTION CARTRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com