Electronic Components Datasheet Search
  English  ▼

X  

WA04P005XHTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA04P005XHTL
Description  Mounting occupation area reduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA04P005XHTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WA04P005XHTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA04P005XHTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Approval sheet
Page 3 of 6
ASC_WA04P_V14
Feb. 2012
QUICK REFERENCE DATA
Item
General Specification
Series No.
WA04P(Convex type)
Size
1.0 x 1.0 mm
Attenuation Range
0dB, 0.5 dB ~ 20dB
Attenuation Tolerance
0dB
0.5 dB
1dB ~ 5dB
6dB ~ 10dB
11dB ~ 13dB
14dB
15 ~ 16dB
17 ~ 19dB
20dB
-
±0.1dB
±0.3dB
±0.4dB
±0.8dB
±1.0dB
±1.5dB
±2.0dB
±2.5dB
Characteristic impedance
50
Ω
Rated power at Tamb=70
°C
0.1 W / package
Limiting voltage (DC)
50V
Frequency range (DC)
Max. 3GHz
VSWR (Voltage Standing Wave Ratio)
Max. 1.2
Number of Resistors
3 resistors
Number of Terminals
4 terminals
category temperature range
-40 ~ +125
DIMENSIONS(mm)
WA04P
L
1.00
± 0.10
W
1.00 +0.10 / -0
T
0.35
± 0.10
P
0.65
± 0.10
A
0.33
± 0.10
Ta
0.15
± 0.10
Tb
0.25
± 0.10
MARKING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com