Electronic Components Datasheet Search
  English  ▼

X  

WR02X Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR02X
Description  Thick Film General purpose chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR02X Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WR02X Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Approval sheet
Page 1 of 7
ASC_WR02X_V18
MAY - 2016
WR02X(W)
±±±±5%, ±±±±1%
Thick Film General purpose chip resistors
Size 0201
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WR02X

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR02X000_FALV WALSIN-WR02X000_FALV Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
WR02X000_FDLV WALSIN-WR02X000_FDLV Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
WR02X000_JALV WALSIN-WR02X000_JALV Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
WR02X000_JDLV WALSIN-WR02X000_JDLV Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
WR02X000_PALV WALSIN-WR02X000_PALV Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
More results

Similar Description - WR02X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC2012F1002CS SAMSUNG-RC2012F1002CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
logo
List of Unclassifed Man...
WR08X562 ETC2-WR08X562 Datasheet
259Kb / 9P
Thick Film General Purpose Chip Resistors
WR08X1004FTL ETC2-WR08X1004FTL Datasheet
259Kb / 9P
Thick Film General Purpose Chip Resistors
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
Thick Film General Purpose chip resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
Thick film Technology General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
Thick Film General Purpose Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com