Electronic Components Datasheet Search
  English  ▼

X  

WR02X Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR02X
Description  Thick Film General purpose chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR02X Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WR02X Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR02X Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_WR02X_V18
MAY - 2016
FEATURE
1.
Small size and light weight
2.
High reliability and stability
3.
Reduced size of final equipment
4.
Suitable for high density print circuit board assembly
5.
Higher component and equipment reliability
6.
Lead free product
APPLICATION
•
Mobile phone
•
PDA
•
Camcorders
•
Palmtop computers
•
Hybrid module
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a pure Tin.
Fig 1. Construction of Chip-R WR02X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com