Electronic Components Datasheet Search
  English  ▼

X  

Z86319 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86319
Description  PS/2 MOUSE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86319 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86319 Datasheet HTML 15Page - Zilog, Inc. Z86319 Datasheet HTML 16Page - Zilog, Inc. Z86319 Datasheet HTML 17Page - Zilog, Inc. Z86319 Datasheet HTML 18Page - Zilog, Inc. Z86319 Datasheet HTML 19Page - Zilog, Inc. Z86319 Datasheet HTML 20Page - Zilog, Inc. Z86319 Datasheet HTML 21Page - Zilog, Inc. Z86319 Datasheet HTML 22Page - Zilog, Inc. Z86319 Datasheet HTML 23Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Z86319
Zilog
PS/2 Mouse Controller
DS97KEY1605
P R E L I M I N A R Y
19
1
Z8 CONTROL REGISTERS
Figure 20. Timer Mode Register
(F1H: Read/Write)
Figure 21. Counter Timer 1 Register
(F2H: Read/Write)
Figure 22. Prescaler 1 Register
(F3H: Write Only)
D7 D6
D5
D4
D3 D2
D1
D0
0 Disable T0 Count
1 Enable T0 Count
0 No Function
1 Load T0
0 No Function
1 Load T1
0 Disable T1 Count
1 Enable T1 Count
TIN Modes
00 External Clock Input
01 Gate Input
10 Trigger Input
(Non-retriggerable)
11 Trigger Input
(Retriggerable)
Reserved (Must be 0)
R241 TMR
D7
D6
D5
D4
D3
D2
D1
D0
T1 Initial Value
(When Written)
(Range 1-256 Decimal
01-00 HEX)
T1 Current Value
(When READ)
R242 T1
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
0 T1 Single Pass
1 T1 Modulo
Clock Source
1 T1 Internal
0 T1 External Timing Input
(TIN) Mode
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R243 PRE1
Figure 23. Counter/Timer 0 Register
(F4H: Read/Write)
Figure 24. Prescaler 0 Register
(F5H: Write Only)
Figure 25. Port 2 Mode Register
(F6H: Write Only)
Figure 26. Port 3 Mode Register
(F7H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
T0 Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T0 Current Value
(When READ)
R244 T0
0 T0 Single Pass
1 T0 Modulo N
D7
D6
D5 D4
D3
D2
D1
D0
Count Mode
Reserved (Must be 0)
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R245 PRE0
D7
D6
D5
D4
D3
D2
D1
D0
P27- P20 I/O Definition
0 Defines Bit as OUTPUT
1 Defines Bit as INPUT
R246 P2M
0
Port 2 Open-Drain
1
Port 2 Push-Pull
D7 D6
D5
D4
D3 D2
D1
D0
Reserved (Must be 0)
R247 P3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com