Electronic Components Datasheet Search
  English  ▼

X  

Z86319 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86319
Description  PS/2 MOUSE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86319 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86319 Datasheet HTML 1Page - Zilog, Inc. Z86319 Datasheet HTML 2Page - Zilog, Inc. Z86319 Datasheet HTML 3Page - Zilog, Inc. Z86319 Datasheet HTML 4Page - Zilog, Inc. Z86319 Datasheet HTML 5Page - Zilog, Inc. Z86319 Datasheet HTML 6Page - Zilog, Inc. Z86319 Datasheet HTML 7Page - Zilog, Inc. Z86319 Datasheet HTML 8Page - Zilog, Inc. Z86319 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Z86319
Zilog
PS/2 Mouse Controller
DS97KEY1605
P R E L I M I N A R Y
5
1
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin
(Figure 4).
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the device.
This rating is a stress rating only; operation of the device
at any condition above those indicated in the operational
sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
CAPACITANCE
TA = GND = 0V, f = 1.0 MHz, unmeasured pins returned to Ground.
VCC SPECIFICATION
VCC = 4.5V to 5.5V
Using the precision RC oscillator feature, f = 4.0 MHz
±10% under the following conditions:
s
VCC = 5.0V ±10%
s
Temp 0 to 40
°C
s
Application board capacitance:
–
2.0 pF max.
–
0.5 pF min.
Figure 4. Test Load Diagram
From Output
Under Test
150 pF
I
Sym
Parameter
Min
Max
Units
VDD
Supply Voltage*
–0.3
+7
V
TSTG
Storage Temp
–65
°
+150
°
C
TA
Oper Ambient
Temp
0
°
40
°
C
Notes:
*Voltages on all pins with respect to Ground.
Parameter
Min
Max
Input Capacitance
0
10 pF
Output Capacitance
0
20 pF
I/O Capacitance
0
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com