Electronic Components Datasheet Search
  English  ▼

X  

2948827 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2948827
Description  EMG 12-OV- 24DC/240AC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2948827 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2948827 Datasheet HTML 1Page - PHOENIX CONTACT 2948827 Datasheet HTML 2Page - PHOENIX CONTACT 2948827 Datasheet HTML 3Page - PHOENIX CONTACT 2948827 Datasheet HTML 4Page - PHOENIX CONTACT 2948827 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 24, 2010
Extract from the online
catalog
 
EMG 12-OV- 24DC/240AC/1
Order No.: 2948827
The illustration shows version EMG 12-OV, with AC voltage output, max. 1 A
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2948827
 
 
Power optocoupler, with light indicator and protection circuits in the
input and output circuits, input: 24 V DC, output: 24-280 V AC/max. 1
A
 
Commercial data
EAN
4017918083496
Pack
10 pcs.
Customs tariff
85364190
Weight/Piece
0.0481 KG
Catalog page information
Page 129 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
06/07/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Input data
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
0.8 ... 1.2
Switching threshold "0" signal in reference to UN
≤ 0.4
Switching threshold "1" signal in reference to UN
≥ 0.8


Similar Part No. - 2948827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2948801 PHOENIX-2948801 Datasheet
122Kb / 5P
EMG 12-OV- 5DC/240AC/1
2948814 PHOENIX-2948814 Datasheet
70Kb / 4P
Solid-state relay module - EMG 12-OV- 12DC/240AC/1
2948856 PHOENIX-2948856 Datasheet
70Kb / 4P
Solid-state relay module - EMG 12-OV-220DC/240AC/1
2948872 PHOENIX-2948872 Datasheet
75Kb / 4P
Solid-state relay module - EMG 12-OV-230AC/240AC/1
2948885 PHOENIX-2948885 Datasheet
134Kb / 5P
EMG 10-OE- 5DC/ 48DC/100
More results

Similar Description - 2948827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2944203 PHOENIX-2944203 Datasheet
113Kb / 5P
EMG 10-OV- 5DC/24DC/1
2944216 PHOENIX-2944216 Datasheet
103Kb / 5P
EMG 10-OV- 12DC/24DC/1
2944229 PHOENIX-2944229 Datasheet
103Kb / 5P
EMG 10-OV- 24DC/24DC/1
2944261 PHOENIX-2944261 Datasheet
108Kb / 5P
EMG 10-OV-120AC/24DC/1
2948801 PHOENIX-2948801 Datasheet
122Kb / 5P
EMG 12-OV- 5DC/240AC/1
2948814 PHOENIX-2948814 Datasheet
70Kb / 4P
Solid-state relay module - EMG 12-OV- 12DC/240AC/1
2948856 PHOENIX-2948856 Datasheet
70Kb / 4P
Solid-state relay module - EMG 12-OV-220DC/240AC/1
2948872 PHOENIX-2948872 Datasheet
75Kb / 4P
Solid-state relay module - EMG 12-OV-230AC/240AC/1
2964649 PHOENIX-2964649 Datasheet
137Kb / 5P
DEK-OV- 24DC/240AC/800
2954235 PHOENIX-2954235 Datasheet
201Kb / 5P
Solid-state relay module - EMG 17-OV- 24DC/240AC/3
10/27/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com