Electronic Components Datasheet Search
  English  ▼

X  

2948827 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2948827
Description  EMG 12-OV- 24DC/240AC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2948827 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2948827 Datasheet HTML 1Page - PHOENIX CONTACT 2948827 Datasheet HTML 2Page - PHOENIX CONTACT 2948827 Datasheet HTML 3Page - PHOENIX CONTACT 2948827 Datasheet HTML 4Page - PHOENIX CONTACT 2948827 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMG 12-OV- 24DC/240AC/1 Order No.: 2948827
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2948827
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Mar 24, 2010
Typical input current at UN
6.8 mA
Typical response time
(max. one half cycle - zero-voltage crossing)
Typical turn-off time
(max. one half cycle - zero-current crossing)
Status display
Yellow LED
Name of protection
Polarity protection
Surge protection
Protective circuit/component
Polarity protection diode
Varistor
Transmission frequency
10 Hz
Output data
Output nominal voltage
240 V AC
Output nominal voltage range
24 V AC ... 280 V AC (50 Hz ... 60 Hz)
Limiting continuous current
1 A
Min. load current
50 mA
Leakage current
3.5 mA
Surge current
125 A (t = 10 ms)
Max. load value
78 A2s (I2 x t where t = 10 ms)
Peak offstate voltage
600 V (Periodic peak reverse voltage)
Voltage drop at max. limiting continuous current
≤ 1.5 V
Output circuit
2-conductor floating
Name of protection
RC element
Protective circuit/component
RC element
Connection data
Type of connection
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
General data
Width
12.5 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com