Electronic Components Datasheet Search
  English  ▼

X  

MSK4322 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4322
Description  20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4322 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4322 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GROUP A
SUBGROUP
5
2
PRELIMINARY Rev. A 6/00
ABSOLUTE MAXIMUM RAT-
INGS
V+ High Voltage Supply. . . . . . . 200V
VCC Logic Supply . . . . . . . . . . 18V
IOUT Continuous Output Current . . . 20A
IPK
Peak Output Current. . . . . . . 30A
θJC
Thermal Resistance . . . . . . 1.0°C/W
(Output Switches) (Junction to Case)
Storage Temperature Range
Lead Temperature Range(10 Seconds)
Case Operating Temperature
MSK 4322
MSK 4322H
Junction Temperature
1
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
2 Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
3 Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
4 Subgroups 5 and 6 testing available upon request.
5 Subgroup
1, 4 TA =TC =+25°C
2, 5 TA =TC =+125°C
3, 6 TA =TC =-55°C
ELECTRICAL SPECIFICATIONS
Parameters
MSK 4322H
Min. Typ. Max.
V+ = 200V
V+ = 160V
V+ = 200V
VCC = 15V
VCC = 15V
V+ = 100V, VCC = 15V, ID = 20A
V+ = 100V, VCC = 15V, ID = 20A
-
-
-
-
-
-
-
-
-
-
-
-
-
2.2
-
-
-
-
-
-
-
-
-
-
300
2.0
5.0
TBD
2.0
TBD
TBD
600
750
3.0
TBD
6
12
TBD
-
0.8
TBD
TBD
45
350
TBD
TBD
45
350
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.2
-
-
-
-
-
-
-
-
-
-
300
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2
-
2.0
-
-
2.0
-
-
600
750
-
-
6
-
-
-
0.8
TBD
TBD
45
350
TBD
TBD
45
350
-
-
MSK 4322
Min. Typ. Max. UNITS
OUTPUT CHARACTERISTICS
Reverse Recovery Time 1
BIAS SUPPLY CHARACTERISTICS
INPUT SIGNAL CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
SWITCHING CHARACTERISTICS
Upper Drive:
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Lower Drive:
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Dead Time
1
Minimum Pulse Width
1
1
2
3
1
2
3
-
1
2
3
1
2
3
1,2,3
1,2,3
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2
-
V
V
V
V
V
V
nS
µA
mA
µA
mA
mA
mA
V
V
nS
nS
nS
nS
nS
nS
nS
nS
µS
nS
3
2
Test Conditions
NOTES:
VDS(ON) (Each Transistor)
Instantaneous Forward Voltage
(Intrinsic Diode)
Leakage Current
Quiescent Bias Current
VCC = 15V
(non-switching)
ID = 20A
IS = 20A
1
-65° to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+175°C
TsT
TLD
TC
TJ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com