Electronic Components Datasheet Search
  English  ▼

X  

MSK4322 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4322
Description  20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4322 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4322 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4322 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PRELIMINARY Rev. A 6/00
TYPICAL SYSTEM OPERATION
The MSK 4322 is designed to be used with a +100 volt high voltage bus, +15 volt low power bus and +5 volt
logic signals. Proper derating should be applied when designing the MSK 4322 into a system. High frequency
layout techniques with ground planes on a printed circuit board is the only method that should be used for circuit
construction. This will prevent pulse jitter caused by excessive noise pickup on the current sense signal or the
error amp signal.
Ground planes for the low power circuitry and high power circuitry should be kept separate. The connection
between the bottom of the current sense resistor, VSS pin and the high power ground are connected at this point.
This is a critical path and high currents should not be flowing between the current sense and VSS. Inductance in
this path should be kept to a minimum. An RC filter (shown in 2 places) will filter out the current spikes and keep
the detected noise for those circuits down to a minimum.
In the system shown, two types of current limit are implemented. The first limit is a PWM pulse by pulse limit
controlled by the motor controller. A second absolute maximum limit is set up for the MSK 4322 which will
completely shut off the bridge in the event that current limit is exceeded.
When controlling the motor speed by the PWM method, it is required that the low side switches be PWM pulsed
due to the charge pump power supplies used to power the high side switch drives. The higher the PWM speed the
higher the current load on the drive supply. PWM of the low side will prevent sagging of the high side supplies.
The logic signals coming from the typical motor controller IC are set up for driving N channel low side and P
channel high side switches directly and are usually 15 volt levels. Provision should be made for getting 5 volt logic
signals to the MSK 4322 of the correct assertion levels. Typically, the low side signals out of the controller are
high active and the high side are low active. Inverters are shown in the system schematic for the low side control-
ler output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com