Electronic Components Datasheet Search
  English  ▼

X  

2SC5859 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5859
Description  TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5859 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5859 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5859 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5859
2004-5-18
4
PC – Tc
rth(j-c) – tw
Pulse width tw (s)
10
0.001
10μ
1000
100μ
1m
100m
10
100
0.01
1
Tc = 25℃ (Infinite heat sink)
Curves should be applied in thermal
limited area. (single nonrepetitive pulse)
0.1
10m
1
Collector-emitter voltage VCE (V)
Safe Operating Area
0.01
100
1 ms*
10 ms*
VCEO max
100 µs*
100 ms*
IC max (Continuous)*
1
100
1000
10
1
10
0.1
10 µs*
DC operation
Tc = 25°C
*:Single nonrepetitive pulse
Tc = 25°C
Curves
must
be
derated
linearly
with
increase
in
temperature.
IC max (Pulse)*
Case temperature Tc (°C)
0
0
25
75
100
125
150
50
150
200
250
100
50
Infinite heat sink
Collector-emitter voltage VCE (V)
Reverse Bias – Safe Operating Area
100
0.1
0.001
10
10000
10
100
Ta = 25℃
Non repeated pulse
IB2 = −3A
L = 500 μH
1
0.01
1000
VCBO max
IC max (Pulse)
620V,46A
1700V,0.14A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com