Electronic Components Datasheet Search
  English  ▼

X  

KA2411 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # KA2411
Description  TELEPHONE TONE RINGERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KA2411 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  KA2411 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARATERISTICS (VCC=24V, TA=25℃
℃
℃
℃
, UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Voltage
V
CC
3
0
V
SI
17
19
21
V
Supply Initiation
Voltage
Current
I
SI
V
CC=VSI, No load #1
1.4
3.3
4.2
mA
V
SUS
9.7
10.5
12
V
Sustaining Voltage
Current
I
SUS
V
CC=VSUS, No load #2
0
.4
0.9
2
.0
mA
Oscillator Freq. #3
f
L
R1=165kΩ, C1=0.47µf
910
11
Hz
Oscillator Freq. #3
f
H1
R2=191kΩ, C2=6800pF
461
512
563
Hz
Oscillator Freq. #3
f
H2
R2=191kΩ, C2=6800pF
576
640
703
Hz
V
OH
17.7
19
21.5
Output
High Voltage
Low Voltage
V
OL
V
CC=21V
I
OH=15mA
I
OL=15mA
1.6
V
V
TRG
8.5
10.5
V
Trigger
Voltage #4
Current #5
I
TRG
V
CC=15V
KA2410 Only ( 2 pin)
20
1000
µA
V
DIS
0.4
0.8
V
Disable
Voltage
Current #6
I
DIS
KA2410 Only ( 2 pin)
-40
-20
µA
#1.
Supply initiation voltage is the value of DC supply voltage required to start the tone ringer oscillating.
#2.
Sustaining voltage is the value of DC supply voltage required to maintain the oscillation.
#3.
Oscillator frequency is determined by the following equations:
fL = 1/(1.359XR1XC1)(Hz)
fhi = 1/(1.518XR2XC2)(Hz)
fh2 = 1.214XfHI (Hz)
#4.
VTR and ITR the conditions applied to trigger input to start oscillation for VSUS ≤ VCC≤ V SI.
#5.
Trigger current must be limited to this value externally.
#6.
VDIS and IDIS are the conditions applied to trigger input to inhibit oscillation for VSI≤ V CC.
APPLICATION CIRCUIT FOR 2410
1
2
3
4
5
6
7
8
2410
T
R
f=20Hz
250V 6.2k
27V
50V
C1
220nF
R1 220k
RSL
50V 470k
R2 180k
10K
C2
4.7nF
1µF
1µF
10µF
KA2410/KA2411
TELEPHONE TONE RINGERS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com