Electronic Components Datasheet Search
  English  ▼

X  

KA2411 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KA2411
Description  TELEPHONE TONE RINGERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KA2411 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KA2411 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KA2411 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
THE
KA2410/2411 IS A BIPOLAR INTEGRATED CIRCUIT DESIGNED FOR
TELEPHONE TONE RINGER.THESE DEVICES CONSISTS OF AN OUTPUT
AMPLIFIER, TWO OSCILLATORS, AND POWER SUPPLY CONTROL CIRCUIT.
FEATURES
! Low current drain
! Adjustable 2 tone frequency
! Hysteresis circuit prevents false triggering and rotary dial “CHIRPS”
! 8 pin DIP plastic package
! External triggering or ringer disables (KA2410)
! Adjustable for reduced supply initiation current (KA2411)
APPLICATIONS
! Telephone bell replacement
! Extension tone ringer modules
! Alarms or other alerting devices
PIN ASSIGNMENT
PIN
NAME
FUNCTION
1V
CC
Power Supply
2
RSL
Resistor Select
3
LFI
Low freq. osc. Input
4
LFO
Low freq. osc. Output
5
GND
Ground
6
HFO
High freq. osc. Output
7
HFI
High freq. osc. Input
8
OUT
Output
ABSOLUTE MAXIMUM RATINGS
Voltage values are with respect to the anode terminal unless otherwise noted
PARAMETER
SYMBOL
RATING
UNITS
DC Supply Voltage
V
CC
3
0
V
Power Dissipation
P
D
450
mW
Operating Ambient Temperature Range
T
A
-25~+75
Storage Temperature Range
T
STG
-65~+150
℃
PIN CONFIGURATION
VCC
RSL
LFI
LFO
OUT
HFI
HFO
GND
KA2410 / 2411 -
DIP
KA2410S / 2411S - SOP
(TOP VIEW)
TIGER ELECTRONIC CO.,LTD
KA2410/KA2411
TELEPHONE TONE RINGERS
8-pin DIP
DIP-8
SOP-8


Similar Part No. - KA2411

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA2411 WINGS-KA2411 Datasheet
370Kb / 5P
TELEPHONE TONE RINGERS
logo
Samsung semiconductor
KA2411 SAMSUNG-KA2411 Datasheet
144Kb / 7P
THE KA2410/KA2411 IS A BIPOLAR INTEGRATED CIRCUIT DESIGNED FOR TELEPHONE BELL REPLACEMENT
logo
List of Unclassifed Man...
KA2411 ETC2-KA2411 Datasheet
108Kb / 3P
TELEPHONE TONE RINGERS
logo
ARTSCHIP ELECTRONICS CO...
KA2411 ARTSCHIP-KA2411 Datasheet
336Kb / 7P
Telephone
More results

Similar Description - KA2411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3332-2 PHILIPS-PCD3332-2 Datasheet
154Kb / 32P
Multistandard pulse/tone repertory diallers/ringers
1997 Jan 13
logo
Unisonic Technologies
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
logo
Wing Shing Computer Com...
KA2410 WINGS-KA2410 Datasheet
370Kb / 5P
TELEPHONE TONE RINGERS
logo
List of Unclassifed Man...
KA2410 ETC2-KA2410 Datasheet
108Kb / 3P
TELEPHONE TONE RINGERS
logo
Unisonic Technologies
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
logo
Motorola, Inc
MC34217 MOTOROLA-MC34217 Datasheet
25Kb / 1P
TELEPHONE TONE RIGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com