Electronic Components Datasheet Search
  English  ▼

X  

UCD7100 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCD7100 Datasheet HTML 10Page - Texas Instruments UCD7100 Datasheet HTML 11Page - Texas Instruments UCD7100 Datasheet HTML 12Page - Texas Instruments UCD7100 Datasheet HTML 13Page - Texas Instruments UCD7100 Datasheet HTML 14Page - Texas Instruments UCD7100 Datasheet HTML 15Page - Texas Instruments UCD7100 Datasheet HTML 16Page - Texas Instruments UCD7100 Datasheet HTML 17Page - Texas Instruments UCD7100 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.ti.com
5
15
25
35
45
55
65
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
TJ − Temperature − °C
tR = Rise Time
tF = Fall Time
0
5
10
15
20
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
5
10
15
20
25
30
35
40
45
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
TYPICAL CHARACTERISTICS (continued)
OUTPUT RISE TIME AND FALL TIME
RISE TIME
vs
vs
TEMPERATURE (VDD = 12 V)
SUPPLY VOLTAGE
Figure 8.
Figure 9.
FALL TIME
PROPAGATION DELAY RISING
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 10.
Figure 11.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com