Electronic Components Datasheet Search
  English  ▼

X  

UCD7100 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD7100 Datasheet HTML 12Page - Texas Instruments UCD7100 Datasheet HTML 13Page - Texas Instruments UCD7100 Datasheet HTML 14Page - Texas Instruments UCD7100 Datasheet HTML 15Page - Texas Instruments UCD7100 Datasheet HTML 16Page - Texas Instruments UCD7100 Datasheet HTML 17Page - Texas Instruments UCD7100 Datasheet HTML 18Page - Texas Instruments UCD7100 Datasheet HTML 19Page - Texas Instruments UCD7100 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
−50
50
125
−25
0
25
75
100
0
5
10
15
20
25
30
35
TJ − Temperature − °C
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
TYPICAL CHARACTERISTICS (continued)
IN TO OUT PROPAGATION DELAY
vs
TEMPERATURE
START-UP BEHAVIOR AT VDD = 12 V (INPUT TIED TO 3V3)
Figure 16.
Figure 17.
SHUT DOWN BEHAVIOR AT VDD = 12 V (INPUT TIED TO
START-UP BEHAVIOR AT VDD = 12 V (INPUT SHORTED
3V3)
TO GND)
Figure 18.
Figure 19.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com