Electronic Components Datasheet Search
  English  ▼

X  

WT04X Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WT04X
Description  Small size and light weight
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WT04X Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WT04X Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
ASC_WT04X_V14
Apr.2010
MARKING
3-digits marking
Each resistor is marked with a three digits code on the protective coating to designate the nominal resistance
value. For values up to 9.1 the R is used as a decimal point. For values of 10.0 or greater the first 2 digits
apply to the resistance value and third indicate the number of zeros to follow.
Example
RESISTANCE
10
Ω
12
Ω
100
Ω
6800
Ω
47000
Ω
3-digits marking
100
120
101
682
473
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E24 series for resistors with a tolerance of
±5%,
The values of the E24 series are in accordance with “IEC publication 60063”
Derating
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
Figure 2. Maximum dissipation in percentage of rated power
As a function of the ambient temperature
Circuit Mode
R1=R2=R3=R4=R6=R7=R8=R9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com