Electronic Components Datasheet Search
  English  ▼

X  

WT04X Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WT04X
Description  Small size and light weight
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WT04X Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WT04X Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WT04X Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_WT04X_V14
Apr.2010
QUICK REFERENCE DATA
Item
General Specification
Series No.
WT04X(Convex type)
Size
1206 (3216)
Resistance Tolerance
±5% (E24 series)
Resistance Range
10
Ω ~ 100KΩ
TCR (ppm/
°C)
≤ ± 200 ppm/°C
Max. dissipation at Tamb=70
°C
1/16 W
Max. Operation Voltage (DC or RMS)
25V
Max. overload voltage
50V
Climatic category
55/155/56
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS(unit : mm)
WT04X
L
3.30
± 0.20
W
1.60
± 0.15
T
0.55
± 0.10
P
0.64
± 0.05
A
0.50
± 0.05
B
0.40
± 0.15
C
0.40
± 0.15
G
0.40
± 0.15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com