Electronic Components Datasheet Search
  English  ▼

X  

3750 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3750
Description  Universal gateways and device servers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3750 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3750 Datasheet HTML 9Page - PHOENIX CONTACT 3750 Datasheet HTML 10Page - PHOENIX CONTACT 3750 Datasheet HTML 11Page - PHOENIX CONTACT 3750 Datasheet HTML 12Page - PHOENIX CONTACT 3750 Datasheet HTML 13Page - PHOENIX CONTACT 3750 Datasheet HTML 14Page - PHOENIX CONTACT 3750 Datasheet HTML 15Page - PHOENIX CONTACT 3750 Datasheet HTML 16Page - PHOENIX CONTACT 3750 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
GW ...E/...DB9
3750_en_C
PHOENIX CONTACT
13/17
8
Application examples
8.1
GW DEVICE SERVER…
Serial tunneling
A common application is simple point-to-point connection of two serial devices via an Ethernet network. The data is tunneled
through the network to remove any range restrictions, such as a maximum of 15 m for V.24 (RS-232). This connection also
operates across sub-networks and gateways. The GW DEVICE SERVER… at each end is logically linked to the other by
specifying the target and source IP addresses.
Figure 4
Serial tunneling
It is also possible to multiplex data from multiple serial ports on multiple GW DEVICE SERVER… servers to a single serial
port on a GW DEVICE SERVER…
Virtual COM port
Existing application software that only communicates via serial COM interfaces can be redirected to remote COM ports.
Virtual COM ports must be created on the PC that the software uses for communication. The virtual COM ports are physically
redirected to the network card and a destination IP in the network. There are two options for creating virtual COM ports: the
COM port redirector software, or the GW DEVICE SERVER… Windows driver. Both can be downloaded from
phoenixcontact.com.
Figure 5
Virtual COM port
10865 049752
100.0 kg
LAN/WAN
RS-232/422/485
10865 049752
100.0 kg
COM1 = 192.168.254.254:8000
COM2 = 192.168.254.254:8001
LAN/WAN
RS-232/422/485
IP = 192.168.254.254
Serial Port 1 = TCP port 8000
Serial Port 2 = TCP port 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com