Electronic Components Datasheet Search
  English  ▼

X  

3750 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3750
Description  Universal gateways and device servers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3750 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3750 Datasheet HTML 1Page - PHOENIX CONTACT 3750 Datasheet HTML 2Page - PHOENIX CONTACT 3750 Datasheet HTML 3Page - PHOENIX CONTACT 3750 Datasheet HTML 4Page - PHOENIX CONTACT 3750 Datasheet HTML 5Page - PHOENIX CONTACT 3750 Datasheet HTML 6Page - PHOENIX CONTACT 3750 Datasheet HTML 7Page - PHOENIX CONTACT 3750 Datasheet HTML 8Page - PHOENIX CONTACT 3750 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
GW ...E/...DB9
3750_en_C
PHOENIX CONTACT
2/17
3
Selection guide
A variety of different gateways and device servers are
available in four different port combinations.
The serial ports are universal RS-232/422/485.
Device server
The GW DEVICE SERVER… migrates legacy serial
devices to modern Ethernet networks. With the aid of virtual
communication ports, existing application software that only
support serial communication can be redirected to the
network card of a computer with a Windows
®
operating
system.
The COM Port redirector software, as well as a Windows
driver, is available for integration with a PC application free
of charge.
Modbus RTU to Modbus TCP
The GW MODBUS TCP/RTU… converts serial-based
Modbus RTU (or ASCII) to Modbus TCP. These modules
are extremely powerful and can be configured to almost any
combination of Modbus client and server, including a
shared memory configuration, allowing two Modbus
masters (clients) to communicate with each other. Device ID
aliasing is also supported to create a “virtual” Modbus ID for
Modbus slaves that do not have configurable Modbus
addresses.
EtherNet/IP™ to Modbus
The GW EIP/MODBUS… enables bidirectional
communication between EtherNet/IP and Modbus
protocols. Simple integration into major manufacturer’s fully
CIP-compliant controllers using implicit messaging, explicit
messaging, or directly read and write to a tag or file.
Supports communication with Modbus RTU/ASCII/TCP
masters and slaves.
ASCII to Modbus TCP
The GW MODBUS TCP/ASCII… converts RAW or ASCII
serial strings from barcode scanners, weigh scales, RFID
tags, etc., into Modbus registers. Filtering rules may be
created in the gateways in order to mask start and stop
delimiters of a bar code, for example, to simplify integration
into a programmable controller.
ASCII to EtherNet/IP™
The GW EIP/ASCII… converts RAW or ASCII serial strings
from barcode scanners, weigh scales, RFID tags, etc., into
EtherNet/IP. Filtering rules may be created in the gateways
in order to mask start and stop delimiters of a bar code, for
example, to simplify integration into a programmable
controller.
ASCII to PROFINET IO
The GW PN/ASCII… convert RAW or ASCII serial strings
from barcode scanners, weigh scales, RFID tags, etc., into
PROFINET IO. Filtering rules may be created in the
gateways in order to mask start and stop delimiters of a bar
code, for example, to simplify integration into a
programmable controller.
Description
Ethernet ports
(RJ45)
Serial ports
(D-SUB 9)
GW… 1E/1DB9
one
one
GW… 1E/2DB9
one
two
GW… 2E/2DB9
two
two
GW… 2E/4DB9
two
four



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com