Electronic Components Datasheet Search
  English  ▼

X  

LXT9863 Datasheet(PDF) 33 Page - Intel Corporation

Part # LXT9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9863 Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXT9863 Datasheet HTML 29Page - Intel Corporation LXT9863 Datasheet HTML 30Page - Intel Corporation LXT9863 Datasheet HTML 31Page - Intel Corporation LXT9863 Datasheet HTML 32Page - Intel Corporation LXT9863 Datasheet HTML 33Page - Intel Corporation LXT9863 Datasheet HTML 34Page - Intel Corporation LXT9863 Datasheet HTML 35Page - Intel Corporation LXT9863 Datasheet HTML 36Page - Intel Corporation LXT9863 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
33
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2
Power and Ground
4.2.1
Supply Filtering
Power supply ripple and digital switching noise on the VCC plane causes EMI and degrades line
performance. Predicting a design’s performance is difficult, although certain factors greatly
increase the risks:
• Poorly-regulated or over-burdened power supplies.
• Wide data busses (>32-bits) running at a high clock rate.
• DC-to-DC converters.
Many of these issues can be improved by following good general design guidelines. In addition,
Intel recommends filtering between the power supply and the analog VCC pins of the LXT98x3.
Filtering has two benefits. First, it keeps digital switching noise out of the analog circuitry inside
the LXT98x3, which helps line performance. Second, if the VCC planes are laid out correctly, it
keeps digital switching noise away from external connectors, reducing EMI.
The VCC plane should be divided into two sections. The digital section supplies power to the
digital VCC pins and to the external components. The analog section supplies power to VCCR and
VCCT pins of the LXT98x3. The break between the two planes should run under the device. In
designs with more than one LXT98x3, use a single continuous analog VCC plane to supply them
all.
The digital and analog VCC planes should be joined at one or more points by ferrite beads. The
beads should produce at least a 100
Ω impedance at 100 MHz. The beads should be placed so
current flows evenly. The maximum current rating of the beads should be at least 150% of the
current that is actually expected to flow through them. Each LXT98x3 draws a maximum of
1000 mA from the analog supply so beads rated at 1500 mA should be used. A bulk cap (2.2 -10
µF) should be placed on each side of each ferrite bead to ground to stop switching noise from
traveling through the ferrite.
In addition, a high-frequency bypass cap (.01
µf) should be placed near each analog VCC pin to
ground.
4.2.2
Ground Noise
The best approach to minimize ground noise is strict use of good general design guidelines and by
filtering the VCC plane.
4.2.3
Power and Ground Plane Layout Considerations
The power and ground planes should be laid out carefully. The following guidelines are
recommended:
• Follow the guidelines in the Application Note 113 (LXT98x3 Design and Layout Guide) for
locating the split between the digital and analog VCC planes.
• Keep the digital VCC plane away from the TPOP/N and TPIP/N signals, magnetics, and RJ-45
connectors.
• Place the layers so the TPOP/N and TPIP/N signals are routed near or next to the ground
plane. For EMI, it is more important to shield TPOP/N than TPIP/N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com