Electronic Components Datasheet Search
  English  ▼

X  

LXT9863 Datasheet(PDF) 46 Page - Intel Corporation

Part # LXT9863
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9863 Datasheet(HTML) 46 Page - Intel Corporation

Back Button LXT9863 Datasheet HTML 42Page - Intel Corporation LXT9863 Datasheet HTML 43Page - Intel Corporation LXT9863 Datasheet HTML 44Page - Intel Corporation LXT9863 Datasheet HTML 45Page - Intel Corporation LXT9863 Datasheet HTML 46Page - Intel Corporation LXT9863 Datasheet HTML 47Page - Intel Corporation LXT9863 Datasheet HTML 48Page - Intel Corporation LXT9863 Datasheet HTML 49Page - Intel Corporation LXT9863 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
46
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
5.0V Operation
IR100CFS current
single drive
––
N/A
–
mA
RL = 215
Ω
collision
––
N/A
–
mA
RL = 215
Ω
IR100CFSBP current
single drive
––
24.2
–
mA
RL = 91
Ω2
collision
––
42
–
mA
RL = 91
Ω2
IR100CFS/BP voltage
single drive
––
2.8
–
V
–
collision
––
0.6
–
V
–
Table 24. 10 Mbps IRB Electrical Characteristics
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
Output Low voltage
VOL
0.1
.4
V
RL = 330
Ω
Output rise or fall time
TRF
–
410
ns
CL = 15 pF
Input High voltage
VIH
VCC - 2.0
––
V
CMOS inputs
VCC - 2.0
––
V
IR10CLK (Schmitt trigger)
Input Low voltage
VIL
––
2.0
V
CMOS inputs
––
1.0
V
IR10CLK (Schmitt trigger)
Hysteresis voltage
–
0.5
––
V
IR10CLK (Schmitt trigger)
3.3V Operation
IR10CFS current
single drive
––
6.8
–
mA
RL = 215
Ω
collision
––
13.5
–
mA
RL = 215
Ω
IR10CFSBP current
single drive
––
4.5
–
mA
RL = 330
Ω
collision
––
8.8
–
mA
RL = 330
Ω
IR10CFS/BP voltage
single drive
–
1.3
1.83
2.4
V
–
collision
–
0.2
0.4
0.6
V
–
5.0V Operation
IR10CFS current
single drive
––
N/A
–
mA
RL = 215
Ω
collision
––
N/A
–
mA
RL = 215
Ω
IR10CFSBP current
single drive
––
7.0
–
mA
RL = 330
Ω
collision
––
13.5
–
mA
RL = 330
Ω
IR10CFS/BP voltage
single drive
–
1.9
2.8
3.2
V
–
collision
–
0.4
0.6
0.8
V
–
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to production testing.
Table 23. 100 Mbps IRB Electrical Characteristics (Continued)
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to production testing.
2. 91
Ω resistors provide greater noise immunity. Systems using 91Ω resistors are backwards stackable with systems using
100
Ω resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com