Electronic Components Datasheet Search
  English  ▼

X  

MLV_VZ Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # MLV_VZ
Description  MULTILAYER CHIP VARISTOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MLV_VZ Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  MLV_VZ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Approval sheet
Page 2 of 7
ASC_VZ0402 Green Series- V14
Aug. 2018
DESCRIPTION
Walsin Multilayer Chip Varistor is a family of Transient Voltage Surge Suppression products.Today , electronic
circuits are becoming smaller and more sentive to external interference. Walsin Multilayer Chip Varistor is
designed to protect components from destruction of transients and ESD(Electronic Static Discharge). The wide
operating voltage and energy rage make Walsin Multilayer Chip Varistor suitable for numerous applications on
I/O protection , Vcc protectiion , Keyboard protection , LCD protection , Sensor protection…etc. The Walsin Chip
Varistor is manufactured by Multilayer fabrication technology providing excellent voltage clamping ability and is
supplied in leadless , surface mount form , compatible with modern reflow and wave soldering procedures.
FEATURES
1.
Multilayer fabrication technology
2.
-40℃to 125℃ operating temperature Range
3.
Operating voltage range VM(DC) at 5.5V ~ 18V
4.
Able to withstand ESD test of IEC-61000-4-2
5.
Bi-directional clamping characteristic
APPLICATIONS
1.
Protection of cellular phones, PDA, High Speed Data Line…etc.
2.
ESD Protection for components sensitive to IEC 61000-4-2, Provides Circuit Board Transient Voltage
Protection for Transistors.
3.
Protection of Video & Audio Ports.
DIMENSIONS
Figure
Symbol
VZ0402 Series
L
0.96 ± 0.14 mm
W
0.50 ± 0.10 mm
T
0.60 mm (max.)
Ts
0.25 ± 0.15 mm
*Terminal electrode:Ni / Sn electrode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com