Electronic Components Datasheet Search
  English  ▼

X  

MLV_VZ Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # MLV_VZ
Description  MULTILAYER CHIP VARISTOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MLV_VZ Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  MLV_VZ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MLV_VZ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Approval sheet
Page 3 of 7
ASC_VZ0402 Green Series- V14
Aug. 2018
DEVICE RATING AND SPECIFICATIONS
Part Number
MAXIMUM RATINGS
SPECIFICATIONS
Max. Continuous
Working Voltage
Maximum Non-
Repetitive
Surge Current
(8/20μs)
Maximum Non-
Repetitive
Surge Energy
(10/1000μs)
Max. Claming
Voltage at
Specified
Current
(8/20μs)
Nominal Voltage
At 1mA (DC) Current
Typical
Capacitance
@1KHz
VM(DC)
VM(AC)
ITM
WTM
Vc
VN(DC)Min.
VN(DC)Max
.
C
(V)
(V)
(A)
(J)
(V)
(V)
(V)
(pF)
VZ0402M050AGTN
5.5
4
20
0.05
24 at 1A
8.0
18.0
270
VZ0402M090AGTN
9
6
20
0.05
41 at 1A
11.5
21.5
130
VZ0402M180AGTN
18
14
20
0.05
54 at 1A
23
33
85
VZ0402M200AGTN
20
17
20
0.05
70 at 1A
32
42
35
VZ0402M120AGTN
12
-
-
-
110 at 1A
25
40
7
VZ0402M12LAGTN
12
-
-
-
150 at 1A
45
65
3.5
VZ0402M18LAGTN
18
-
-
-
150 at 1A
45
65
3.5
VZ0402M26LAGTN
26
-
-
-
145 at 1A
45
65
4
The capacitance value and energy only for customer reference. It is not formal specification.
STANDARD TESTING CONDITION
Unless otherwise specified
 Temperature:15 ~ 35
C
 Humidity:25%RH ~ 85%RH
 Atmospheric pressure:86kPa ~ 106kPa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com