Electronic Components Datasheet Search
  English  ▼

X  

LXT9883 Datasheet(PDF) 18 Page - Intel Corporation

Part # LXT9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9883 Datasheet(HTML) 18 Page - Intel Corporation

Back Button LXT9883 Datasheet HTML 14Page - Intel Corporation LXT9883 Datasheet HTML 15Page - Intel Corporation LXT9883 Datasheet HTML 16Page - Intel Corporation LXT9883 Datasheet HTML 17Page - Intel Corporation LXT9883 Datasheet HTML 18Page - Intel Corporation LXT9883 Datasheet HTML 19Page - Intel Corporation LXT9883 Datasheet HTML 20Page - Intel Corporation LXT9883 Datasheet HTML 21Page - Intel Corporation LXT9883 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
18
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.2.2
Link Establishment and Port Connection
Once a port establishes link, the LXT98x3 automatically connects it to the appropriate repeater
state machine. If link loss is detected and auto-negotiation is enabled, the port returns to the auto-
negotiation state.
3.3
Interface Descriptions
The LXT9883 and LXT9863 provide eight and six network interface ports, respectively. Each port
is a twisted-pair interface that directly supports 100BASE-TX (100TX) and 10BASE-T (10T)
Ethernet applications and fully complies with IEEE 802.3 standards. A common termination circuit
is used.
3.3.1
Twisted-Pair Interface
The LXT98x3 pinout is optimized for dual-height RJ-45 connectors. The twisted-pair interface for
each port consists of two differential signal pairs — one for transmit and one for receive. The
transmit signal pair is TPOP/TPON, the receive signal pair is TPIP/TPIN.
The transmitter requires magnetics with 1:1 turns ratio. The center tap of the primary side of the
transmit winding must be tied to a quiet VCC for proper operation.
The receiver requires magnetics with a 1:1 turns ratio, and a load of 100
Ω. When the twisted-pair
port is enabled, the receiver actively biases its inputs to approximately 2.8V. A 4 k
Ω load is always
present across the TPIP/TPIN pair.
When used in 100TX applications, the LXT98x3 sends and receives a continuous, scrambled
125 Mbps MLT-3 waveform on this interface. In the absence of data, IDLE symbols are sent and
received in order to maintain the link.
When used in 10T applications, the LXT98x3 sends and receives a non-continuous, 10 Mbps
Manchester-encoded waveform. To maintain link during idle periods, the LXT98x3 sends link
pulses every 16 ms, and expects to receive them every 10 to 20 ms. Each 10T port automatically
detects and sends link pulses, and disables its transmitter if link pulses are not detected. Each
10BASE-T port can detect and automatically correct for polarity reversal on the TPIP/N inputs.
The 10BASE-T interface provides integrated filters using Intel’s patented filter technology. These
filters facilitate low-cost stack designs to meet EMI requirements.
3.3.2
Media Independent Interface
The LXT98x3 has two identical MII interfaces. The MII has been designed to allow expansion to a
Media Access Controller (MAC) as shown in Figure 4. This interface is not MDIO/MDC capable.
These MII ports can be set via hardware tie ups/downs to be either 10 Mbps or 100 Mbps. These
ports are not the full MII drive strength and are intended only for point-to-point links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com