Electronic Components Datasheet Search
  English  ▼

X  

LXT9883 Datasheet(PDF) 3 Page - Intel Corporation

Part # LXT9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9883 Datasheet(HTML) 3 Page - Intel Corporation

  LXT9883 Datasheet HTML 1Page - Intel Corporation LXT9883 Datasheet HTML 2Page - Intel Corporation LXT9883 Datasheet HTML 3Page - Intel Corporation LXT9883 Datasheet HTML 4Page - Intel Corporation LXT9883 Datasheet HTML 5Page - Intel Corporation LXT9883 Datasheet HTML 6Page - Intel Corporation LXT9883 Datasheet HTML 7Page - Intel Corporation LXT9883 Datasheet HTML 8Page - Intel Corporation LXT9883 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Datasheet
3
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Contents
Contents
1.0
Block Diagram ............................................................................................................................... 7
2.0
Pin Assignments and Signal Descriptions ................................................................................. 8
3.0
Functional Description................................................................................................................ 16
3.1
Introduction ......................................................................................................................... 16
3.2
Port Configuration ............................................................................................................... 17
3.2.1
Auto-Negotiation .................................................................................................... 17
3.2.2
Link Establishment and Port Connection ............................................................... 18
3.3
Interface Descriptions ......................................................................................................... 18
3.3.1
Twisted-Pair Interface ............................................................................................ 18
3.3.2
Media Independent Interface ................................................................................. 18
3.4
Repeater Operation ............................................................................................................ 19
3.4.1
100 Mbps Repeater Operation .............................................................................. 19
3.4.2
10 Mbps Repeater Operation ................................................................................ 20
3.5
Requirements ..................................................................................................................... 20
3.5.1
Power..................................................................................................................... 20
3.5.2
Clock ......................................................................................................................21
3.5.3
Bias Resistor.......................................................................................................... 21
3.5.4
Reset ..................................................................................................................... 21
3.5.5
IRB Bus Pull-ups.................................................................................................... 21
3.6
LED Operation .................................................................................................................... 21
3.6.1
LEDs at Start-up .................................................................................................... 21
3.6.2
LED Event Stretching ............................................................................................ 22
3.6.3
Serial LED Interface............................................................................................... 22
3.6.4
Serial Shifting......................................................................................................... 22
3.6.4.1
Serial LED Signals ................................................................................. 23
3.6.4.2
Activity Graph LEDs............................................................................... 23
3.6.5
Direct Drive LEDs .................................................................................................. 24
3.6.6
LED Modes ............................................................................................................ 24
3.6.6.1
LED Mode 1 ........................................................................................... 25
3.6.6.2
LED Mode 2 ........................................................................................... 25
3.6.6.3
LED Mode 3 ........................................................................................... 26
3.6.6.4
LED Mode 4 ........................................................................................... 28
3.7
IRB Operation ..................................................................................................................... 28
3.7.1
IRB Signal Types ................................................................................................... 28
3.7.2
10M-Only Operation .............................................................................................. 29
3.7.2.1
MAC IRB Access ................................................................................... 29
3.7.3
LXT98x/91x/98xx Compatibility ............................................................................. 29
3.8
MII Port Operation .............................................................................................................. 31
3.8.1
Preamble Handling ................................................................................................ 31
4.0
Application Information .............................................................................................................. 32
4.1
General Design Guidelines ................................................................................................. 32
4.2
Power and Ground.............................................................................................................. 33
4.2.1
Supply Filtering ...................................................................................................... 33
4.2.2
Ground Noise......................................................................................................... 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com