Electronic Components Datasheet Search
  English  ▼

X  

RFASWR681CTF03 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWR681CTF03
Description  Any 2G/3G/4G Band for TRx system
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWR681CTF03 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWR681CTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWR681CTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Approval Sheet
Page 2 of 15
ASC_ RFASWR681CTF03_V11
Sep. 2017
FEATURES
Low Insertion Loss and Low Distortion
:
Broadband frequency range
:0.4 to 2.7 GHz
High Isolation and linearity
:
Integrated MIPI RFFE Slave Controller
:
High ESD tolerance of 2kV HBM at all pins
:
Small LGA package(18-pin, 2.4 x 2.0 x 0.64 mm3)
:
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWR681CTF03 is a dual Single Pole, Six Throw (2xSP6T) antenna switch with an integrated Mobile Industry
Processor Interface (MIPI) controller. Using an advanced switching technology, the RFASWR681CTF03 maintains
low insertion and high isolation, which makes it an ideal choice for UMTS, CDMA2000, EDGE, GSM, and LTE
applications.
The design integrated six low loss TRX ports. The switch also has an excellent 2nd/3rd Order Intermodulation
Distortion (IMD2/IMD3) performance.
Switching is controlled by the MIPI decoder and High ESD tolerance of 2kV HBM at all pins.
No blocking capacitor requirements on the RF paths as long as no DC voltage are applied. The RFASWR681CTF03
is manufactured in a compact, 2.4 x 2.0 x 0.64 mm3 package.
The functional block diagram is shown in Figure 1. The pin assignment and package are shown in Figure 2. Signal
pin assignments and functional pin descriptions are provided in Table 1.
Application
2G/3G/4G multimode cellular handsets (LTE, UMTS, CDMA2000, EDGE, GSM, TDD-LTE, TD-SCDMA)
:
Carrier aggregation diversity
:
Block Diagram and Pin Out (Top View)
Figure 1. RFASWR681CTF03 Block Diagram
Figure 2. RFASWR681CTF03 Pin assignment
TRxB1
TRxB2
TRxB3
TRxB4
TRxB5
TRxB6
ANT_B
Power Supply
(with Charge Pump)
TRxA1
TRxA2
TRxA3
TRxA4
TRxA5
TRxA6
ANT_A
VIO
SDATA
SCLK
VDD
RFFE Slave
Controller
1
2
3
4
5
14
13
12
11
10
15
16
17
18
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com