Electronic Components Datasheet Search
  English  ▼

X  

TA06 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # TA06
Description  High Precision Thin Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TA06 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  TA06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Approval Sheet
Page 2 of 9
ASC_TA06_2018
Dec - 2018
FEATURE
1.
SMD metal film resistor
2.
High reliability and stability of 0.1% and below per customer request
3.
High performance of TCR: 25 ppm/K and below per customer request
4.
Low current noise
5.
+/-0.02% is upon the customer request.
6.
TCR tracking down to 5 ppm/
0C
7.
Tolerance tracking down to 0.05%
APPLICATION
Medical equipment
Measuring instrument
Communication device
Precision analogue circuits
Voltage divider
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive layer that is applied to the top surface of the substrate. The
composition of the resistive layer is adjusted to give the approximate resistance required and the value is
trimmed to nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
environmental soldering issue, the outer layer of these end terminations is a Lead-free solder .
Fig 1. Construction of Chip-R TA06



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com