Electronic Components Datasheet Search
  English  ▼

X  

TA06 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # TA06
Description  High Precision Thin Film Chip Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TA06 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  TA06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TA06 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval Sheet
Page 3 of 9
ASC_TA06_2018
Dec - 2018
QUICK REFERENCE DATA
Item
General Specification
Series No.
TA06
Size
0603×4
Termination construction
Convex
Resistance tolerance
1%, 0.5%, 0.25%, 0.1%
Resistance Range
Equal values/ Two pairs
/Different values *
20R~200K
TCR (ppm/
C)
±25 ppm/
C, ±50 ppm/C
Max. dissipation at Tamb=70
C
0.1 watts/element @70°C
0.4 watts/package @70°C
Max. operation voltage
75 V
Max. overload voltage
150 V
Operating Temperature
- 55~ +155C
*Detailed resistance configuration can be request from sales.
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see
“IEC publication
60115-
8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
or Max. RCWV listed above, whichever is lower.
DIMENSIONS:( unit:mm)
Type
TA06
W
1.50
0.15
L
3.20
0.15
P
0.80
0.10
C
0.40
0.10
A
0.60
0.10
B
0.40
0.15
G
0.30
0.15
T
0.40
0.04



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com