Electronic Components Datasheet Search
  English  ▼

X  

0803702 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803702
Description  Label sheet, DIN A4 - BMKL 27X 8 SR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803702 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803702 Datasheet HTML 1Page - PHOENIX CONTACT 0803702 Datasheet HTML 2Page - PHOENIX CONTACT 0803702 Datasheet HTML 3Page - PHOENIX CONTACT 0803702 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/0803702
11/22/13   Page 1 / 4
Label sheet, DIN A4 - BMKL 27X 8 SR - 0803702
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Label sheet, DIN A4, Sheet, silver, Unlabeled, Can be labeled with: Office printing systems, Mounting type:
Adhesive, Lettering field: 27 x 8 mm
The figure shows a version of the
article
Product Features
 These labels have been specially developed for laser printers
 The unperforated SK U ... sheets are available for custom label designs
 Labeling service: Phoenix Contact can custom-label all BMKL ... markers according to your requirements
 Can be printed on all commercially available laser printers
Key commercial data
Packing unit
1 PCE
Minimum order quantity
10 PCE
Weight per Piece (excluding packing)
16.5 GRM
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
27 mm
Width (a)
8 mm
Ambient conditions
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-20 °C ... 120 °C (Min.)
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
22 °C / 50 % relative humidity


Similar Part No. - 0803702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803714 PHOENIX-0803714 Datasheet
184Kb / 4P
TMP-RIBBON 110 BK 101 - Ink ribbon cartridge
0803715 PHOENIX-0803715 Datasheet
45Kb / 2P
Marker - GM-SK 17,5
0803717 PHOENIX-0803717 Datasheet
176Kb / 4P
MOBILE BACKPACK - Transport bag
0803719 PHOENIX-0803719 Datasheet
54Kb / 2P
Marker carriers - UBE/D (60X10)
0803799 PHOENIX-0803799 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
More results

Similar Description - 0803702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800705 PHOENIX-0800705 Datasheet
66Kb / 3P
Label sheet, DIN A4 - BMKL 19X11 YE
0803676 PHOENIX-0803676 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X12,5 SR
0803692 PHOENIX-0803692 Datasheet
65Kb / 4P
Label sheet, DIN A4 - BMKL 27X27 SR
0807096 PHOENIX-0807096 Datasheet
47Kb / 3P
Label sheet, DIN A4 - BMKL 16X 6 YE
0807106 PHOENIX-0807106 Datasheet
49Kb / 2P
Label sheet, DIN A4 - BMKL 26.8 X 6.8 WH
0813792 PHOENIX-0813792 Datasheet
43Kb / 2P
Label sheet, DIN A4 - BMKLT 19X12 WH
0813815 PHOENIX-0813815 Datasheet
43Kb / 2P
Label sheet, DIN A4 - BMKLT 41,5X12 WH
0824254 PHOENIX-0824254 Datasheet
50Kb / 3P
Label sheet, DIN A4 - BMKL 27X12,5 SR CUS
0803663 PHOENIX-0803663 Datasheet
55Kb / 3P
Label sheet, DIN A4 - BMKL 15X 9 WH
09/11/2020
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com