Electronic Components Datasheet Search
  English  ▼

X  

0803702 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803702
Description  Label sheet, DIN A4 - BMKL 27X 8 SR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803702 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803702 Datasheet HTML 1Page - PHOENIX CONTACT 0803702 Datasheet HTML 2Page - PHOENIX CONTACT 0803702 Datasheet HTML 3Page - PHOENIX CONTACT 0803702 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/0803702
11/22/13   Page 2 / 4
Label sheet, DIN A4 - BMKL 27X 8 SR - 0803702
Technical data
General
Note
Print image may vary depending on laser printer
Color
silver
Base element material
Polyester
Components
Silicone-free
Material
Polyester
Number of individual labels
192
Number of individual labels per row
6
Adhesive
Acrylic
Printability
Office printing systems
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Wipe resistance test result
Test passed
Salt spray test specification
DIN EN ISO 9227:2012-09
Salt spray testing result
Test passed
Alternating condensation climate with SO2 test specification
Following DIN 50018:2013-05
Climate level
AHT 1.0 S
Cycles
2
Condensation test result
Test passed
Wipe resistance of test specification inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Result
Test passed
Foil strength
46 µm
Adhesive strength
29 µm
Classifications
eCl@ss
eCl@ss 4.0
24190218
eCl@ss 4.1
24190218
eCl@ss 5.0
27141137
eCl@ss 5.1
27141137
eCl@ss 6.0
27141137
eCl@ss 7.0
27141137
eCl@ss 8.0
27141137



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com