Electronic Components Datasheet Search
  English  ▼

X  

DAC8580 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8580
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPOUT, DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8580 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8580 Datasheet HTML 1Page - Texas Instruments DAC8580 Datasheet HTML 2Page - Texas Instruments DAC8580 Datasheet HTML 3Page - Texas Instruments DAC8580 Datasheet HTML 4Page - Texas Instruments DAC8580 Datasheet HTML 5Page - Texas Instruments DAC8580 Datasheet HTML 6Page - Texas Instruments DAC8580 Datasheet HTML 7Page - Texas Instruments DAC8580 Datasheet HTML 8Page - Texas Instruments DAC8580 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications. This device is rated at 1500 V HBM and 1000
V CDM.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE
PACKAGE
SPECIFICATION
PACKAGE
ORDERING
TRANSPORT MEDIA
DRAWING
TEMPERATURE
MARKING
NUMBER
NUMBER
RANGE
DAC8580IPW
90-Piece Tube
DAC8580
16-TSSOP
PW
–40°C TO +85°C
D8580I
DAC8580IPWR
2000-Piece Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
AVDD or DVDD to AVSS
–0.3 V to 12 V
Digital input voltage to AVSS
–0.3 V to 12 V
VOUT or VREF to AVSS
–0.3 V to 12 V
DGND and AGND to AVSS
–0.3 V to 6 V
Operating temperature range
– 40°C to +85°C
Storage temperature range
– 65°C to +150°C
Junction temperature range (TJ max)
+150°C
Power dissipation:
Thermal impedance (
Θ
JA)
118°C/W
Thermal impedance (
Θ
JC)
29°C/W
Lead temperature, soldering:
Vapor phase (60 s)
215°C
Infrared (15 s)
220°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
All specifications at T
A = TMIN to TMAX, +AVDD = +5 V, –AVDD = –5 V, DVDD = +5 V, VREF = 4.096 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
Bits
Linearity error
±0.05
% FSR
Differential linearity error
±0.25
±1
LSB
Gain error
1
2
3
% FSR
Gain drift
±3
ppm/°C
Bipolar zero error
VREF = 4.096 V
±5
±25
mV
Bipolar zero drift
From –40°C to +85°C
±20
µV/°C
Total drift
From –40°C to +85°C
±8
ppm/°C
OUTPUT CHARACTERISTICS
Voltage output range
AVDD = 6 V, AVSS = –6 V, VREF = 5.5 V
–5.5
5.5
V
Maximum current drive capability
At full speed, driving resistive load (1)
±25
mA
Output Impedance
18
Ω
(1)
Sourcing and sinking dc currents larger than 25 mA is not recommended.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com